Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5066560 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 5066560
Description  Computer Marking System Engraving System CMS-GRAV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5066560 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 5066560 Datasheet HTML 3Page - PHOENIX CONTACT 5066560 Datasheet HTML 4Page - PHOENIX CONTACT 5066560 Datasheet HTML 5Page - PHOENIX CONTACT 5066560 Datasheet HTML 6Page - PHOENIX CONTACT 5066560 Datasheet HTML 7Page - PHOENIX CONTACT 5066560 Datasheet HTML 8Page - PHOENIX CONTACT 5066560 Datasheet HTML 9Page - PHOENIX CONTACT 5066560 Datasheet HTML 10Page - PHOENIX CONTACT 5066560 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
5. Technical Data
CMS Vacuum Plates
5.1 Description
Type
Order No.
Pcs.
Pkt.
Vacuum unit, incl. rubber mat,
clamping area:
250 x 150 x 28 mm
CMS-VAC-PL 1
50 61 80 8
1
Vacuum unit, incl. rubber mat,
as above, however, clamping area:
280 x 300 x 28 mm
CMS-VAC-PL 2
50 61 81 1
1
Vacuum unit, incl. rubber mat,
as above, however, clamping area:
500 x 500 x 28 mm
CMS-VAC-PL 3
50 66 52 8
1
Rubber mat,
for vacuum plate CMS-VAC-PL 1
CMS-VAC-GHM 1
50 66 02 3
1
Rubber mat,
for vacuum plate CMS-VAC-PL 2
CMS-VAC-GHM 2
50 66 01 0
1
Rubber mat,
for vacuum plate CMS-VAC-PL 3
CMS-VAC-GHM 3
50 66 57 3
1
Self-adhesive film,
for vacuum plate CMS-VAC-PL 1
for vacuum plate CMS-VAC-PL 2
CMS-VAC-F1
CMS-VAC-F2
50 66 05 2
50 66 06 5
10
10
CMS-VAC...
CMS Vacuum Plates
Phoenix Contact page 7 of 11
CMS-VAC...
Vacuum Plates
CMS Vacuum Plates
The vacuum plates are used to fasten markers and
plates of all processing sizes onto the engraving/milling
machine reliably and quickly.
Rubber mats are used to achieve an absolutely rigid
attachment of the engraving material to be processed.
The vacuum plate itself is fastened onto the engraving/
milling machine with three quick-change clamps. Three
fittings on the side allow the engraving material to be
aligned at a right angle.


Similar Part No. - 5066560

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5066 AEROFLEX-5066 Datasheet
43Kb / 1P
   ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
logo
Pomona Electronics
5066 POMONA-5066 Datasheet
89Kb / 2P
   Do-It-Yourself Male BNC Connector with Strain Relief Boot For RG 58 and 141 Coax cable
logo
Molex Electronics Ltd.
50660-9001 MOLEX7-50660-9001 Datasheet
97Kb / 2P
   1.00mm (.040") Crimp Pin Terminal, Pre-Tinned Brass
logo
PHOENIX CONTACT
5066256 PHOENIX-5066256 Datasheet
43Kb / 2P
   Accessories - CMS-GRAV-WZ/ER
logo
List of Unclassifed Man...
5066MIWRTH1R ETC2-5066MIWRTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5066560

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5062962 PHOENIX-5062962 Datasheet
53Kb / 2P
   Accessories - CMS-GRAV-KSS 3
09/12/2020
5062988 PHOENIX-5062988 Datasheet
52Kb / 2P
   Accessories - CMS-GRAV-ZNH 15
09/12/2020
5066256 PHOENIX-5066256 Datasheet
43Kb / 2P
   Accessories - CMS-GRAV-WZ/ER
logo
Advantech Co., Ltd.
ESRP-CMS-SR304 ADVANTECH-ESRP-CMS-SR304 Datasheet
1,011Kb / 2P
   ESRP-CMS-IPPC5211S Deployment System
logo
PHOENIX CONTACT
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
   Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
logo
Advantech Co., Ltd.
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
   Intel짰 ATOM??Industrial Computer System
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z53C80 ZILOG-Z53C80 Datasheet
447Kb / 40P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
logo
Advantech Co., Ltd.
ARK-6310-3M01E ADVANTECH-ARK-6310-3M01E Datasheet
588Kb / 2P
   Fanless Mini-ITX Embedded Computer System
ARK-6310-6M01E ADVANTECH-ARK-6310-6M01E Datasheet
595Kb / 2P
   Fanless Mini-ITX Embedded Computer System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com