Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5066777 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 5066777
Description  Computer Marking System Engraving System CMS-GRAV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5066777 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 5066777 Datasheet HTML 3Page - PHOENIX CONTACT 5066777 Datasheet HTML 4Page - PHOENIX CONTACT 5066777 Datasheet HTML 5Page - PHOENIX CONTACT 5066777 Datasheet HTML 6Page - PHOENIX CONTACT 5066777 Datasheet HTML 7Page - PHOENIX CONTACT 5066777 Datasheet HTML 8Page - PHOENIX CONTACT 5066777 Datasheet HTML 9Page - PHOENIX CONTACT 5066777 Datasheet HTML 10Page - PHOENIX CONTACT 5066777 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
GPK/SK...
Double Layer Engraving Material
Phoenix Contact page 10 of 11
GPK/SK...
Engraving Material, self-adhesive
7. Technical Data
Double Layer Engraving Material, self-adhesive
7.2 Description
Type
Order No.
Pcs.
Pkt.
Engraving plates,
L x W x H [mm]
Surface Engraving
Material thickn. 0.8 mm
300 x 280 x 0.8
silver
black
self-adhesive
300 x 280 x 0.8
white
black
300 x 280 x 0.8
yellow
black
300 x 280 x 0.8
as required
GPK/SK 300 x 280 x 0,8 SR/BK
GPK/SK 300 x 280 x 0,8 WH/BK
GPK/SK 300 x 280 x 0,8 YE/BK
GPK/SK 300 x 280 x 0,8 ...
08 03 84 1
08 03 85 4
08 06 17 8
08 06 19 4
10
10
10
10
Engraving plates,
L x W x H [mm]
Surface Engraving
Material thickn. 1.5 mm
300 x 280 x 1.5
as required
GPK/SK 300 x 280 x 1,5 ...
08 06 28 8
10
Engraving plates,
L x W x H [mm]
Surface Engraving
Material thickn. 0.8 mm
610 x 610 x 0.8
silver
black
self-adhesive
610 x 610 x 0.8
white
black
610 x 610 x 0.8
as required
GPK/SK 610 x 610 x 0,8 SR/BK
GPK/SK 610 x 610 x 0,8 WH/BK
GPK/SK 610 x 610 x 0,8 ...
08 06 48 2
08 06 43 7
08 06 50 5
10
10
10
Engraving plates,
L x W x H [mm]
Surface Engraving
Material thickn. 1.5 mm
610 x 610 x 1.5
silver
black
self-adhesive
610 x 610 x 1.5
white
black
610 x 610 x 1.5
as required
GPK/SK 610 x 610 x 1,5 SR/BK
GPK/SK 610 x 610 x 1,5 WH/BK
GPK/SK 610 x 610 x 1,5 ...
08 06 56 3
08 06 51 8
08 06 58 9
10
10
10
Ordering example:
Engraving plates GPK / SK
For 50 GPK / SK 610 x 610 x 0,8... in blue / white color (BU/WH),
the order data is as follows:
Pcs.
Order No.
Designation
50
08 06 50 5
GPK/SK 610 x 610 x 0,8 BU/WH


Similar Part No. - 5066777

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5066 AEROFLEX-5066 Datasheet
43Kb / 1P
   ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
logo
Pomona Electronics
5066 POMONA-5066 Datasheet
89Kb / 2P
   Do-It-Yourself Male BNC Connector with Strain Relief Boot For RG 58 and 141 Coax cable
logo
Molex Electronics Ltd.
50660-9001 MOLEX7-50660-9001 Datasheet
97Kb / 2P
   1.00mm (.040") Crimp Pin Terminal, Pre-Tinned Brass
logo
PHOENIX CONTACT
5066256 PHOENIX-5066256 Datasheet
43Kb / 2P
   Accessories - CMS-GRAV-WZ/ER
logo
List of Unclassifed Man...
5066MIWRTH1R ETC2-5066MIWRTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5066777

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5062962 PHOENIX-5062962 Datasheet
53Kb / 2P
   Accessories - CMS-GRAV-KSS 3
09/12/2020
5062988 PHOENIX-5062988 Datasheet
52Kb / 2P
   Accessories - CMS-GRAV-ZNH 15
09/12/2020
5066256 PHOENIX-5066256 Datasheet
43Kb / 2P
   Accessories - CMS-GRAV-WZ/ER
logo
Advantech Co., Ltd.
ESRP-CMS-SR304 ADVANTECH-ESRP-CMS-SR304 Datasheet
1,011Kb / 2P
   ESRP-CMS-IPPC5211S Deployment System
logo
PHOENIX CONTACT
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
   Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
logo
Advantech Co., Ltd.
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
   Intel짰 ATOM??Industrial Computer System
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z53C80 ZILOG-Z53C80 Datasheet
447Kb / 40P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
logo
Advantech Co., Ltd.
ARK-6310-3M01E ADVANTECH-ARK-6310-3M01E Datasheet
588Kb / 2P
   Fanless Mini-ITX Embedded Computer System
ARK-6310-6M01E ADVANTECH-ARK-6310-6M01E Datasheet
595Kb / 2P
   Fanless Mini-ITX Embedded Computer System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com