Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5066777 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 5066777
Description  Computer Marking System Engraving System CMS-GRAV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5066777 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  5066777 Datasheet HTML 1Page - PHOENIX CONTACT 5066777 Datasheet HTML 2Page - PHOENIX CONTACT 5066777 Datasheet HTML 3Page - PHOENIX CONTACT 5066777 Datasheet HTML 4Page - PHOENIX CONTACT 5066777 Datasheet HTML 5Page - PHOENIX CONTACT 5066777 Datasheet HTML 6Page - PHOENIX CONTACT 5066777 Datasheet HTML 7Page - PHOENIX CONTACT 5066777 Datasheet HTML 8Page - PHOENIX CONTACT 5066777 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4. Technical Data
CMS Processing Tools
4.1 Description
Type
Order No.
Pcs.
Pkt.
Fully hardened steel cutter,
2 cutting edges,
milling width 0.4 mm
milling width 1.0 mm
milling width 2.0 mm
milling width 3.0 mm
CMS-GTM 0,4
CMS-GTM 1,0
CMS-GTM 2,0
CMS-GTM 3,0
50 66 74 8
50 66 75 1
50 61 66 2
50 66 77 7
10
10
10
10
Milling cutter assortment,
consists of 2 x CMS-GTM 0,4 to CMS-GTM 3,0
CMS-GTM-SORTI
50 68 03 4
1
Fully hardened steel drill,
drill diameter 0.6 mm
drill diameter 0.8 mm
drill diameter 0.9 mm
drill diameter 1.0 mm
drill diameter 1.3 mm
drill diameter 1.4 mm
drill diameter 2.0 mm
drill diameter 3.0 mm
CMS-GTD 0,6
CMS-GTD 0,8
CMS-GTD 0,9
CMS-GTD 1,0
CMS-GTD 1,3
CMS-GTD 1,4
CMS-GTD 2,0
CMS-GTD 3,0
50 66 78 0
08 03 79 9
50 66 80 3
50 66 81 6
50 66 72 2
50 66 83 2
50 66 84 5
50 66 85 8
10
10
10
10
10
10
10
10
Drill assortment,
consists of 1 x CMS-GTD 0,6 to CMS-GTD 3,0
CMS-GTD-SORTI
50 66 86 1
1
Fully hardened steel chisel,
1 cutting edge,
cutting width 0.1 mm
cutting width 0.3 mm
cutting width 0.5 mm
cutting width 0.75 mm
cutting width 1.0 mm
cutting width 1.5 mm
cutting width 3.0 mm
CMS-GTG 0,1
CMS-GTG 0,3
CMS-GTG 0,5
CMS-GTG 0,75
CMS-GTG 1,0
CMS-GTG 1,5
CMS-GTG 3,0
50 66 53 1
50 61 86 6
50 66 54 4
50 66 55 7
50 61 87 9
50 61 88 2
50 66 56 0
10
10
10
10
10
10
10
Chisel assortment,
consists of 1 x CMS-GTG 0,1 to CMS-GTG 3,0
CMS-GTG-SORTI
50 66 87 4
1
CMS-GT...
CMS Processing Tools
Phoenix Contact page 5 of 11
CMS-GT...
Milling Cutter, Drills, Chisels
CMS Processing Tools
The CMS processing tools are designed for light
engraving, milling and boring work. They are made of
fully hardened metal and have an excellent tool life with
consistently clean processing results. The shaft
diameter is 3 mm.
All tools cut to the right and have a spiral groove.
Milling cutter, CMS-GTM
The two cutting edges have a specially shaped cut at the
front. The milling cutters are suitable for processing
aluminum, printed circuit boards and plastics.
Drills, CMS-GTD
The drills are designed for processing printed circuit
boards, aluminum and non-ferrous metals.
Chisels, CMS-GTG
Because of their specially shaped cut, the chisels are
especially suited to engraving plastics, printed circuit
boards and aluminum.


Similar Part No. - 5066777

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5066 AEROFLEX-5066 Datasheet
43Kb / 1P
   ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
logo
Pomona Electronics
5066 POMONA-5066 Datasheet
89Kb / 2P
   Do-It-Yourself Male BNC Connector with Strain Relief Boot For RG 58 and 141 Coax cable
logo
Molex Electronics Ltd.
50660-9001 MOLEX7-50660-9001 Datasheet
97Kb / 2P
   1.00mm (.040") Crimp Pin Terminal, Pre-Tinned Brass
logo
PHOENIX CONTACT
5066256 PHOENIX-5066256 Datasheet
43Kb / 2P
   Accessories - CMS-GRAV-WZ/ER
logo
List of Unclassifed Man...
5066MIWRTH1R ETC2-5066MIWRTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5066777

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5062962 PHOENIX-5062962 Datasheet
53Kb / 2P
   Accessories - CMS-GRAV-KSS 3
09/12/2020
5062988 PHOENIX-5062988 Datasheet
52Kb / 2P
   Accessories - CMS-GRAV-ZNH 15
09/12/2020
5066256 PHOENIX-5066256 Datasheet
43Kb / 2P
   Accessories - CMS-GRAV-WZ/ER
logo
Advantech Co., Ltd.
ESRP-CMS-SR304 ADVANTECH-ESRP-CMS-SR304 Datasheet
1,011Kb / 2P
   ESRP-CMS-IPPC5211S Deployment System
logo
PHOENIX CONTACT
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
   Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
logo
Advantech Co., Ltd.
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
   Intel짰 ATOM??Industrial Computer System
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z53C80 ZILOG-Z53C80 Datasheet
447Kb / 40P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
logo
Advantech Co., Ltd.
ARK-6310-3M01E ADVANTECH-ARK-6310-3M01E Datasheet
588Kb / 2P
   Fanless Mini-ITX Embedded Computer System
ARK-6310-6M01E ADVANTECH-ARK-6310-6M01E Datasheet
595Kb / 2P
   Fanless Mini-ITX Embedded Computer System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com