Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-W6756 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # STR-W6756
Description  Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-W6756 Datasheet(HTML) 4 Page - Allegro MicroSystems

  STR-W6756 Datasheet HTML 1Page - Allegro MicroSystems STR-W6756 Datasheet HTML 2Page - Allegro MicroSystems STR-W6756 Datasheet HTML 3Page - Allegro MicroSystems STR-W6756 Datasheet HTML 4Page - Allegro MicroSystems STR-W6756 Datasheet HTML 5Page - Allegro MicroSystems STR-W6756 Datasheet HTML 6Page - Allegro MicroSystems STR-W6756 Datasheet HTML 7Page - Allegro MicroSystems STR-W6756 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STR-W6756
Universal-Input/140 W Off-Line Quasi-
Resonant Flyback Switching Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
4
Switching
Regulators
Protection Operation
OVP Operation Voltage
VCC(OVP)
Turn-off, VCC = 0
29.9 V
25.5
27.7
29.9
V
Maximum ON Time
ton(max)
27.5
32.5
39.0
µs
OLP Operation Voltage
VSSOLP
4.0
4.9
5.8
V
OLP Operation Current
ISSOLP
-6.0
-11
-16
µA
Overcurrent Detect. Threshold Volt.
VOCPBD(LIM)
-0.895 -0.940 -0.995
V
OCP/BD-Pin Current
IOCPBD
-40
-100
-250
µA
Latch Holding Current
ICC(H)
VCC = 29.9
VCC(OFF) – 0.3 V
45
140
mA
Latch Release Voltage
VCC(L)
VCC = 29.9
6 V
6.0
7.2
8.5
V
Other
Thermal Resistance
RθJF
Output junction-to-frame
1.5
°C/W
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device termninal.
ELECTRICAL CHARACTERISTICS at TA = +25°C, VCC = 20 V, voltage measurements are referenced to S/GND terminal
(unless otherwise specified).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units


Similar Part No. - STR-W6756

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-W6756 SANKEN-STR-W6756 Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-W6756 SANKEN-STR-W6756 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6756N SANKEN-STR-W6756N Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
More results

Similar Description - STR-W6756

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-W6754 ALLEGRO-STR-W6754 Datasheet
195Kb / 8P
   Universal-Input/100 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6753 ALLEGRO-STR-W6753 Datasheet
196Kb / 8P
   Universal-Input/58 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-G6651 ALLEGRO-STR-G6651 Datasheet
175Kb / 8P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
logo
AUK corp
SQ6601PT AUK-SQ6601PT Datasheet
421Kb / 8P
   Off-Line Quasi-Resonance Flyback Switching Regulator
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com