Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR-W6754 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. STR-W6754
Description  Universal-Input/100 W Off-Line Quasi-Resonant Flyback Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

STR-W6754 Datasheet(HTML) 4 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STR-W6754
Universal-Input/100 W Off-Line Quasi-
Resonant Flyback Switching Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
4
Switching
Regulators
Protection Operation
OVP Operation Voltage
VCC(OVP)
Turn-off, VCC = 0
29.9 V
25.5
27.7
29.9
V
Maximum ON Time
ton(max)
27.5
32.5
39.0
µs
OLP Operation Voltage
VSSOLP
4.0
4.9
5.8
V
OLP Operation Current
ISSOLP
-6.0
-11
-16
µA
Overcurrent Detect. Threshold Volt.
VOCPBD(LIM)
-0.895 -0.940 -0.995
V
OCP/BD-Pin Current
IOCPBD
-40
-100
-250
µA
Latch Holding Current
ICC(H)
VCC = 29.9
VCC(OFF) – 0.3 V
45
140
mA
Latch Release Voltage
VCC(L)
VCC = 29.9
6 V
6.0
7.2
8.5
V
Other
Thermal Resistance
RθJF
Output junction-to-frame
1.6
°C/W
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device termninal.
ELECTRICAL CHARACTERISTICS at TA = +25°C, VCC = 20 V, voltage measurements are referenced to S/GND terminal
(unless otherwise specified).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn