Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2166 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2166
Description  110MHz Current Feedback Amplifier with Disable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2166 Datasheet(HTML) 1 Page - Intersil Corporation

  EL2166 Datasheet HTML 1Page - Intersil Corporation EL2166 Datasheet HTML 2Page - Intersil Corporation EL2166 Datasheet HTML 3Page - Intersil Corporation EL2166 Datasheet HTML 4Page - Intersil Corporation EL2166 Datasheet HTML 5Page - Intersil Corporation EL2166 Datasheet HTML 6Page - Intersil Corporation EL2166 Datasheet HTML 7Page - Intersil Corporation EL2166 Datasheet HTML 8Page - Intersil Corporation EL2166 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN7052
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2166
110MHz Current Feedback Amplifier with
Disable
The EL2166 is a current feedback
operational amplifier with -3dB
bandwidth of 110MHz at a gain of +2.
Built using the Elantec proprietary monolithic
complementary bipolar process, this amplifier uses current
mode feedback to achieve more bandwidth at a given gain
than a conventional voltage feedback operational amplifier.
The EL2166 is designed to drive a double terminated 75
coax cable to video levels. Differential gain and phase are
excellent when driving both loads of 500
Ω (< 0.01%/< 0.01°)
and double terminated 75
Ω cables (0.025%/0.05° @
VS = ±15V, 0.04%/0.02° @ VS =±5V).
The EL2166 has a superior output disable function. Time to
enable or disable is < 75ns. The DISABLE pin is TTL/CMOS
compatible. In disable mode, the amplifier can withstand
over 1500V/µs signals at their outputs. The amplifier can
operate on any supply voltage from 10V (±5V) to 33V
(±16.5V), yet consume only 7.5mA at any supply voltage.
The EL2166 is available in 8-pin PDIP and 8-pin SO
packages.
Pinout
Features
• 110MHz 3dB bandwidth
(AV = +2)
• 115MHz 3dB bandwidth
(AV = +1)
• 0.01% differential gain, RL = 500Ω
• 0.01° differential phase, RL =500Ω
• Low supply current, 7.5mA
• Fast disable < 75ns
• Low cost
• 1500 V/µs slew rate
Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converters
• Broadcast equipment
• High speed communications
• Video multiplexing
EL2166
(8-PIN SO, PDIP)
TOP VIEW
Manufactured under U.S. Patent No. 5,420,542, 4,893,091
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL2166CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL2166CS
-40°C to +85°C
8-Pin SOIC
MDP0027
Data Sheet
December 1995, Rev C
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T
con
tact
our
Tech
nica
l Su
ppo
rt Ce
nter
at
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.c
om/
tsc


Similar Part No. - EL2166

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL216 EVERLIGHT-EL216 Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL216 EVERLIGHT-EL216 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL216(TA)-V EVERLIGHT-EL216(TA)-V Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL216(TB)-V EVERLIGHT-EL216(TB)-V Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
logo
Intersil Corporation
EL2160 INTERSIL-EL2160 Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
More results

Similar Description - EL2166

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HA-5020883 INTERSIL-HA-5020883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
logo
Texas Instruments
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com