Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2075 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2075
Description  2GHz GBWP Gain-of-10 Stable Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2075 Datasheet(HTML) 6 Page - Intersil Corporation

  EL2075 Datasheet HTML 1Page - Intersil Corporation EL2075 Datasheet HTML 2Page - Intersil Corporation EL2075 Datasheet HTML 3Page - Intersil Corporation EL2075 Datasheet HTML 4Page - Intersil Corporation EL2075 Datasheet HTML 5Page - Intersil Corporation EL2075 Datasheet HTML 6Page - Intersil Corporation EL2075 Datasheet HTML 7Page - Intersil Corporation EL2075 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Equivalent Circuit
Burn-In Circuit
Applications Information
Product Description
The EL2075 is a wideband monolithic operational amplifier
built on a high-speed complementary bipolar process. The
EL2075 uses a classical voltage-feedback topology which
allows it to be used in a variety of applications requiring a
noise gain
≥ 10 where current-feedback amplifiers are not
appropriate because of restrictions placed upon the
feedback element used with the amplifier. The conventional
topology of the EL2075 allows, for example, a capacitor to
be placed in the feedback path, making it an excellent choice
for applications such as active filters, sample-and-holds, or
integrators. Similarly, because of the ability to use diodes in
the feedback network, the EL2075 is an excellent choice for
applications such as log amplifiers.
The EL2075 also has excellent DC specifications: 200µV,
VOS, 2µA IB, 0.1µA IOS, and 90dB of CMRR. These
specifications allow the EL2075 to be used in DC-sensitive
applications such as difference amplifiers. Furthermore, the
current noise of the EL2075 is only 3.2pA/
√Hz, making it an
excellent choice for high-sensitivity transimpedance amplifier
configurations.
Gain-Bandwidth Product
The EL2075 has a gain-bandwidth product of 2GHz. For
gains greater than 40, its closed-loop -3dB bandwidth is
approximately equal to the gain-bandwidth product divided
by the noise gain of the circuit. For gains less than 40,
higher-order poles in the amplifier's transfer function
contribute to even higher closed loop bandwidths. For
example, the EL2075 has a -3dB bandwidth of 400MHz at a
gain of +10, dropping to 200MHz at a gain of +20. It is
important to note that the EL2075 has been designed so that
this “extra” bandwidth in low-gain applications does not
come at the expense of stability. As seen in the typical
performance curves, the EL2075 in a gain of +10 only
exhibits 1.5dB of peaking with a 100
Ω load.
All Packages Use The Same Schematic
EL2075


Similar Part No. - EL2075

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2075 ELANTEC-EL2075 Datasheet
466Kb / 11P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
EL2075C ELANTEC-EL2075C Datasheet
466Kb / 11P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
EL2075CN ELANTEC-EL2075CN Datasheet
466Kb / 11P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
EL2075CS ELANTEC-EL2075CS Datasheet
466Kb / 11P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
More results

Similar Description - EL2075

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2075C ELANTEC-EL2075C Datasheet
466Kb / 11P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
logo
Intersil Corporation
EL2074 INTERSIL-EL2074 Datasheet
227Kb / 10P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2074C ELANTEC-EL2074C Datasheet
400Kb / 12P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2045 INTERSIL-EL2045 Datasheet
279Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2045C ELANTEC-EL2045C Datasheet
306Kb / 12P
   Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com