Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH5101A-Q Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CH5101A-Q
Description  CMOS Monochrome Digital Video Camera
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH5101A-Q Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CH5101A-Q Datasheet HTML 6Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 7Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 8Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 9Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 10Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 11Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 12Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 13Page - List of Unclassifed Manufacturers CH5101A-Q Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
201-0000-033 Rev 1.0, 6/2/99
CHRONTEL
CH5101A
I2C Port Operation
The CH5101 contains a standard I2C control port, through which the control registers can be written and read. This
port is comprised of a two-wire serial interface, pins SD (bidirectional) and SC, which can be connected directly to
the SDB and SCB buses as shown in Figure 5.
The Serial Clock line (SC) is input only and is driven by the output buffer of the master device. The CH5101 acts as
a slave and generation of clock signals on the bus is always the responsibility of the master device. When the bus is
free, both lines are HIGH. The output stages of devices connected to the bus must have an open-drain or open-
collector to perform the wired-AND function. Data on the bus can be transferred up to 400kbit/s according to I2C
specifications. However, in direct connections to the bus master device, the CH5101 can operate at transfer rates up
to 5 MHz.
Figure 5: Connection of Devices to the Bus
Electrical Characteristics for Bus Devices
The electrical specifications of the bus devices’ inputs and outputs and the characteristics of the bus lines connected
to them are shown in Figure 5. A pullup resistor (RP) must be connected to a 5V ± 10% supply. The CH5101 is a
device with input levels related to VDD.
Maximum and minimum values of pullup resistor (RP)
The value of RP depends on the following parameters:
• Supply voltage
• Bus capacitance
• Number of devices connected (input current + leakage current = Iinput)
The supply voltage limits the minimum value of resistor RP due to the specified minimum sink current of 3mA at
VOLmax = 0.4 V for the output stages:
RP >= (VDD – 0.4) / 3 (RP in kΩ)
The bus capacitance is the total capacitance of wire, connections and pins. This capacitance limits the maximum
value of RP due to the specified rise time. The equation for RP is shown below:
RP >= 10
3/C (where: R
P is in kand C, the total capacitance, is in pF)
The maximum HIGH level input current of each input/output connection has a specified maximum value of 10
µA.
Due to the desired noise margin of 0.2VDD for the HIGH level, this input current limits the maximum value of RP.
SCLK
IN2
DATA
IN2
DATAN2
OUT
SCB (Serial Clock Bus)
SDB (Serial Data Bus)
+VDD
RP
SLAVE
SCLK
IN1
DATA
IN1
DATAN2
OUT
SLAVE
SCLK
OUT
FROM
MASTER
DATA IN
MASTER
DATAN2
OUT
MASTER
BUS MASTER
SC
SD


Similar Part No. - CH5101A-Q

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CH51 AVX-CH51 Datasheet
95Kb / 6P
   ESCC Qualified SMPS Capacitors High Voltage Chip/Leaded Capacitors
CH51 AVX-CH51 Datasheet
70Kb / 4P
   High Voltage Leaded (CH Style) Radial, Dual-in-Line & ?쁋??Lead SMT
logo
Chenmko Enterprise Co. ...
CH511H-30PT CHENMKO-CH511H-30PT Datasheet
76Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 1.0 Ampere
logo
Sirectifier Global Corp...
CH511H-30PT SIRECT-CH511H-30PT Datasheet
257Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
CH511H-40PT CHENMKO-CH511H-40PT Datasheet
81Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 1.0 Ampere
More results

Similar Description - CH5101A-Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH5001A ETC1-CH5001A Datasheet
136Kb / 34P
   CMOS COLOR DIGITAL VIDEO CAMERA
logo
Panasonic Semiconductor
AN2050FB PANASONIC-AN2050FB Datasheet
54Kb / 4P
   CCD Monochrome Video Camera Signal Processor IC
logo
Omron Electronics LLC
STC-MBE132POE OMRON-STC-MBE132POE Datasheet
2Mb / 68P
   GigE Vision Monochrome / Color CMOS PoE Camera
logo
Integrated Circuit Syst...
ICS421-05 ICST-ICS421-05 Datasheet
144Kb / 5P
   DIGITAL VIDEO CAMERA CLOCK
logo
List of Unclassifed Man...
TP6800 ETC1-TP6800 Datasheet
475Kb / 33P
   DIGITAL VIDEO CAMERA CONTROLLER
OV5116N ETC-OV5116N Datasheet
200Kb / 5P
   OV5116N SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
logo
Zarlink Semiconductor I...
VP7610 ZARLINK-VP7610 Datasheet
242Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com