Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAS1225V Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part No. PAS1225V
Description  Telecoil-antennas Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

PAS1225V Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  PAS1225V Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Applications
3. Dimensions
4. Part Numbering
5. Specification
1. T-coil/HAC-coil for hearing and aid compatible cell phones .
2. Decoupling in RF and IF-circuit .
3. Transponder antenna .
PAS 1225
V
-
101
K
A
B
C
D
E
A: Series
B: Dimension
L x H
C: Category Code
V=Vehicle
D: Inductance
101=100uH
E: Inductance Tolerance
K=±10% , J=±5%
Size
A(mm)
B(mm)
C(mm)
D(mm)
PAS1225V
11.6±0.3
3.8±0.3
2.5±0.3
1.50 ref.
Unit:mm
Part Number
Inductance
(uH)
Test Frequency
(Hz)
Q
min.
RDC
(Ω)max.
Rated current
(mA) max.
SRF
(MHz) min.
PAS1225V-101K
100±10%
0.1V/125K
20
3.0
300
20
PAS1225V-201K
200±10%
0.1V/125K
20
6.0
200
2.0
PAS1225V-492J
4900±5%
0.1V/125K
20
50
50
0.34
PAS1225V-722J
7200±5%
0.1V/125K
40
40
50
0.30
Telecoil-antennas Inductors
PAS1225V-SERIES
1. Hearing Aid Compatibility-/Telecoil-antennas;
2. PAS1225V-series realizes small size and low profile. 11.6x3.8x2.5mm.
3. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
4. Meets the T3/T4 FCC requirements(HAC) . ANSI C63.19
5. High reliability -Reliability test meet AEC-Q200
6. Operating temperature-55~+125℃(Including self - temperature rise)
Recommend PC Board Pattern
L
G
L(mm)
G(mm)
H(mm)
11.6
8.0
3.6
Halogen-free
Halogen


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn