Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC54-74HC390 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC54-74HC390
Description  Dual 4-Stage Binary Ripple Counter with ÷2 and ÷5 Sections
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC54-74HC390 Datasheet(HTML) 4 Page - ON Semiconductor

  MC54-74HC390 Datasheet HTML 1Page - ON Semiconductor MC54-74HC390 Datasheet HTML 2Page - ON Semiconductor MC54-74HC390 Datasheet HTML 3Page - ON Semiconductor MC54-74HC390 Datasheet HTML 4Page - ON Semiconductor MC54-74HC390 Datasheet HTML 5Page - ON Semiconductor MC54-74HC390 Datasheet HTML 6Page - ON Semiconductor MC54-74HC390 Datasheet HTML 7Page - ON Semiconductor MC54-74HC390 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC54/74HC390
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
PIN DESCRIPTIONS
INPUTS
Clock A (Pins 1, 15) and Clock B (Pins 4, 15)
Clock A is the clock input to the
÷ 2 counter; Clock B is the
clock input to the
÷ 5 counter. The internal flip–flops are
toggled by high–to–low transitions of the clock input.
CONTROL INPUTS
Reset (Pins 2, 14)
Asynchronous reset. A high at the Reset input prevents
counting, resets the internal flip–flops, and forces QA through
QD low.
OUTPUTS
QA (Pins 3, 13)
Output of the
÷ 2 counter.
QB, QC, QD (Pins 5, 6, 7, 9, 10, 11)
Outputs of the
÷ 5 counter. QD is the most significant bit.
QA is the least significant bit when the counter is connected
for BCD output as in Figure 4. QB is the least significant bit
when the counter is operating in the bi–quinary mode as in
Figure 5.
SWITCHING WAVEFORMS
Q
tr
tf
tPLH
tPHL
tTLH
tTHL
VCC
GND
CLOCK
10%
50%
90%
1/fmax
tw
trec
RESET
Figure 1.
Figure 2.
VCC
GND
VCC
GND
10%
50%
90%
Q
CLOCK
50%
50%
50%
tPHL
tw
10%
TEST CIRCUIT
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn