Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM518221A Datasheet(PDF) 10 Page - OKI electronic componets

Part No. MSM518221A
Description  262,214-Word x 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518221A Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM518221A Datasheet HTML 6Page - OKI electronic componets MSM518221A Datasheet HTML 7Page - OKI electronic componets MSM518221A Datasheet HTML 8Page - OKI electronic componets MSM518221A Datasheet HTML 9Page - OKI electronic componets MSM518221A Datasheet HTML 10Page - OKI electronic componets MSM518221A Datasheet HTML 11Page - OKI electronic componets MSM518221A Datasheet HTML 12Page - OKI electronic componets MSM518221A Datasheet HTML 13Page - OKI electronic componets MSM518221A Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
¡ Semiconductor
MSM518221A
10/16
Notes: 1. Input signal reference levels for the parameter measurement are VIH = 3.0 V and VIL
= 0 V. The transition time tT is defined to be a transition time that signal transfers
between VIH = 3.0 V and VIL = 0 V.
2. AC measurements assume tT = 3 ns.
3. Read address must have more than a 600 address delay than write address in every
cycle when asynchronous read/write is performed.
4. Read must have more than a 600 address delay than write in order to read the data
written in a current series of write cycles which has been started at last write reset
cycle: this is called "new data read".
When read has less than a 70 address delay than write, the read data are the data
written in a previous series of write cycles which had been written before the last
write reset cycle: this is called "old data read".
5. When the read address delay is between more than 71 and less than 599, read data
will be undetermined. However, normal write is achieved in this address condition.
6. Outputs are measured with a load equivalent to 1 TTL load and 30 pF.
Output reference levels are VOH = 2.4 V and VOL = 0.8 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSM518221 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM518222 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM51V8221A 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM51V8222A 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM518222A 262 214-Word X 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM5412222 262 214-Word x 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM5412222A 262 214-Word x 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM54V12222B 262 214-Word × 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM5412222B 262 214-Word × 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM54V12222A 262 214 Words x 12 Bits FIELD MEMORY 1  2  3  4  5  More OKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn