Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM518221A Datasheet(PDF) 9 Page - OKI electronic componets

Part No. MSM518221A
Description  262,214-Word x 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518221A Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM518221A Datasheet HTML 5Page - OKI electronic componets MSM518221A Datasheet HTML 6Page - OKI electronic componets MSM518221A Datasheet HTML 7Page - OKI electronic componets MSM518221A Datasheet HTML 8Page - OKI electronic componets MSM518221A Datasheet HTML 9Page - OKI electronic componets MSM518221A Datasheet HTML 10Page - OKI electronic componets MSM518221A Datasheet HTML 11Page - OKI electronic componets MSM518221A Datasheet HTML 12Page - OKI electronic componets MSM518221A Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
¡ Semiconductor
MSM518221A
9/16
AC Characteristics
6
6
9
9
5
6
4
5
0
5
4
5
0
5
5
5
0
10
9
9
0
5
0
5
0
5
25
25
Access Time from SRCK
DOUT Hold Time from SRCK
DOUT Enable Time from SRCK
SWCK "H" Pulse Width
SWCK "L" Pulse Width
Input Data Setup Time
Input Data Hold Time
WE Enable Setup Time
WE Enable Hold Time
WE Disable Setup Time
WE Disable Hold Time
IE Enable Setup Time
IE Enable Hold Time
IE Disable Setup Time
WE "H" Pulse Width
IE "H" Pulse Width
IE "L" Pulse Width
RSTW Setup Time
RSTW Hold Time
SRCK "H" Pulse Width
SRCK "L" Pulse Width
RE Enable Setup Time
RE Enable Hold Time
RE Disable Setup Time
RE Disable Hold Time
OE Enable Setup Time
OE Enable Hold Time
Symbol
Unit
Max.
Min.
Max.
Min.
Parameter
MSM518221A-30
MSM518221A-40
ns
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
Max.
Min.
MSM518221A-25
6
6
12
12
5
6
4
5
0
5
4
5
0
10
10
10
0
10
12
12
0
5
0
5
0
5
25
25
6
6
17
17
5
6
4
5
0
5
4
5
0
10
10
10
0
10
17
17
0
5
0
5
0
5
30
25
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
5—
IE Disable Hold Time
5—5—
ns
5—
WE "L" Pulse Width
10
10
ns
0
5
5
5
5
5
0
OE Disable Setup Time
OE Disable Hold Time
RE "H" Pulse Width
RE "L" Pulse Width
OE "H" Pulse Width
OE "L" Pulse Width
RSTR Setup Time
ns
0
5
10
10
10
10
0
0
5
10
10
10
10
0
ns
ns
ns
ns
ns
ns
10
RSTR Hold Time
10
10
ns
——
25
tAC
tDDCK
tDECK
tWSWH
tWSWL
tDS
tDH
tWENS
tWENH
tWDSS
tWDSH
tIENS
tIENH
tIDSS
tWWEH
tWIEH
tWIEL
tRSTWS
tRSTWH
tWSRH
tWSRL
tRENS
tRENH
tRDSS
tRDSH
tOENS
tOENH
tIDSH
tWWEL
tODSS
tODSH
tWREH
tWREL
tWOEH
tWOEL
tRSTRS
tRSTRH
tSWC
SWCK Cycle Time
30
40
ns
——
25
tSRC
SRCK Cycle Time
30
40
ns
——
3
tT
Transition Time (Rise and Fall)
3
3
ns
30
30
30


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSM518221 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM518222 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM51V8221A 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM51V8222A 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM518222A 262 214-Word X 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM5412222 262 214-Word x 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM5412222A 262 214-Word x 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM54V12222B 262 214-Word × 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM5412222B 262 214-Word × 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM54V12222A 262 214 Words x 12 Bits FIELD MEMORY 1  2  3  4  5  More OKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn