Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM518221A Datasheet(PDF) 8 Page - OKI electronic componets

Part No. MSM518221A
Description  262,214-Word x 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518221A Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM518221A Datasheet HTML 4Page - OKI electronic componets MSM518221A Datasheet HTML 5Page - OKI electronic componets MSM518221A Datasheet HTML 6Page - OKI electronic componets MSM518221A Datasheet HTML 7Page - OKI electronic componets MSM518221A Datasheet HTML 8Page - OKI electronic componets MSM518221A Datasheet HTML 9Page - OKI electronic componets MSM518221A Datasheet HTML 10Page - OKI electronic componets MSM518221A Datasheet HTML 11Page - OKI electronic componets MSM518221A Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
¡ Semiconductor
MSM518221A
8/16
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Input Output Voltage
Output Current
Power Dissipation
Operating Temperature
Storage Temperature
VT
IOS
PD
Topr
Tstg
at Ta = 25°C, VSS
Ta = 25°C
Ta = 25°C
–1.0 to 7.0
50
1
0 to 70
–55 to 150
Unit
V
mA
W
°C
°C
Recommended Operating Conditions
Parameter
Symbol
Min.
Unit
Typ.
Max.
Power Supply Voltage
Power Supply Voltage
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
V
V
V
V
4.5
0
2.4
–1.0
5.0
0
VCC
0
5.5
0
VCC + 1
0.8
DC Characteristics
Parameter
Symbol
Condition
Min.
Input Leakage Current
Output Leakage Current
Output "H" Level Voltage
Output "L" Level Voltage
Operating Current
Standby Current
ILI
ILO
VOH
VOL
ICC1
ICC2
Minimum Cycle Time, Output Open
–10
–10
2.4
Max.
Unit
10
10
0.4
60
50
40
5
mA
mA
V
V
mA
mA
-25
-30
-40
0 < VI < VCC + 1, Other Pins Tested at V = 0 V
0 < VO < VCC
IOH = –1 mA
IOL = 2 mA
Input Pin = VIH / VIL
Capacitance
Parameter
Unit
Input Capacitance (DIN, SWCK, SRCK, RSTW, RSTR, WE, RE, IE, OE)
Output Capacitance (DOUT)
pF
pF
CI
CO
7
7
Symbol
Max.
(Ta = 25°C, f = 1 MHz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSM518221 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM518222 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM51V8221A 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM51V8222A 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM518222A 262 214-Word X 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM5412222 262 214-Word x 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM5412222A 262 214-Word x 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM54V12222B 262 214-Word × 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM5412222B 262 214-Word × 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM54V12222A 262 214 Words x 12 Bits FIELD MEMORY 1  2  3  4  5  More OKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn