Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM518221A Datasheet(PDF) 7 Page - OKI electronic componets

Part No. MSM518221A
Description  262,214-Word x 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518221A Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM518221A Datasheet HTML 3Page - OKI electronic componets MSM518221A Datasheet HTML 4Page - OKI electronic componets MSM518221A Datasheet HTML 5Page - OKI electronic componets MSM518221A Datasheet HTML 6Page - OKI electronic componets MSM518221A Datasheet HTML 7Page - OKI electronic componets MSM518221A Datasheet HTML 8Page - OKI electronic componets MSM518221A Datasheet HTML 9Page - OKI electronic componets MSM518221A Datasheet HTML 10Page - OKI electronic componets MSM518221A Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
¡ Semiconductor
MSM518221A
7/16
Power-up and Initialization
On power-up, the device is designed to begin proper operation after at least 100 ms after VCC has
stabilized to a value within the range of recommended operating conditions. After this 100 ms
stabilization interval, the following initialization sequence must be performed.
Because the read and write address counters are not valid after power-up, a minimum of 80 dummy
writeoperations(SWCK cycles) and read operations (SRCK cycles) must be performed, followed by
an RSTW operation and an RSTR operation, to properly initialize the write and the read address
pointer. Dummy write cycles/RSTW and dummy read cycles/RSTR may occur simultaneously.
If these dummy read and write operations start while VCC and/or the substrate voltage has not
stabilized, it is necessary to perform an RSTR operation plus a minimum of 80 SRCK cycles plus
another RSTR operation, and an RSTW operation plus a minimum of 80 SRCK cycles plus another
RSTW operation to properly initialize read and write address pointers.
Old/New Data Access
There must be a minimum delay of 600 SWCK cycles between writing into memory and reading out
from memory. If reading from the first field starts with an RSTR operation, before the start of writing
the second field (before the next RSTW operation), then the data just written will be read out.
The start of reading out the first field of data may be delayed past the beginning of writing in the
second field of data for as many as 70 SWCK cycles. If the RSTR operation for the first field read-out
occurs less than 70 SWCK cycles after the RSTW operation for the second field write-in, then the
internal buffering of the device assures that the first field will still be read out. The first field of data
that is read out while the second field of data is written is called "old data".
In order to read out "new data", i.e., the second field written in, the delay between an RSTW
operation and an RSTR operation must be at least 600 SRCK cycles. If the delay between RSTW and
RSTRoperationsismorethan71butlessthan600cycles,thenthedatareadoutwillbeundetermined.
It may be "old data" or "new" data, or a combination of old and new data. Such a timing should be
avoided.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSM518221 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM518222 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM51V8221A 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM51V8222A 262 214-Word x 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM518222A 262 214-Word X 8-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM5412222 262 214-Word x 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM5412222A 262 214-Word x 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM54V12222B 262 214-Word × 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM5412222B 262 214-Word × 12-Bit Field Memory 1  2  3  4  5  More OKI electronic componets
MSM54V12222A 262 214 Words x 12 Bits FIELD MEMORY 1  2  3  4  5  More OKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn