Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM518221A Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSM518221A
Description  262,214-Word x 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518221A Datasheet(HTML) 2 Page - OKI electronic componets

  MSM518221A Datasheet HTML 1Page - OKI electronic componets MSM518221A Datasheet HTML 2Page - OKI electronic componets MSM518221A Datasheet HTML 3Page - OKI electronic componets MSM518221A Datasheet HTML 4Page - OKI electronic componets MSM518221A Datasheet HTML 5Page - OKI electronic componets MSM518221A Datasheet HTML 6Page - OKI electronic componets MSM518221A Datasheet HTML 7Page - OKI electronic componets MSM518221A Datasheet HTML 8Page - OKI electronic componets MSM518221A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
¡ Semiconductor
MSM518221A
2/16
FEATURES
• Single power supply : 5 V
±10%
• 512 Rows ¥ 512 Columns ¥ 8 bits
• Fast FIFO (First-In First-Out) operation
• High speed asynchronous serial access
Read/write cycle time
25 ns/30 ns/40 ns
Access time
25 ns/25 ns/30 ns
• Functional compatibility with OKI MSM514221B
• Write mask function (Input enable control)
• Data skipping function (Output enable control)
• Self refresh (No refresh control is required)
• Package options :
28-pin 400 mil plastic ZIP
(ZIP28-P-400-1.27)
(Product : MSM518221A-xxZS)
28-pin 400 mil plastic SOJ
(SOJ28-P-400-1.27)
(Product : MSM518221A-xxJS)
28-pin 430 mil plastic SOP
(SOP28-P-430-1.27-K)
(Product : MSM518221A-xxGS-K)
xx indicates speed rank.
PRODUCT FAMILY
MSM518221A-25JS
Family
Access Time (Max.)
Cycle Time (Min.)
Package
25 ns
25 ns
MSM518221A-30JS
30 ns
25 ns
400 mil 28-pin SOJ
MSM518221A-40JS
40 ns
30 ns
MSM518221A-25ZS
25 ns
25 ns
MSM518221A-30ZS
30 ns
25 ns
400 mil 28-pin ZIP
MSM518221A-40ZS
40 ns
30 ns
MSM518221A-30GS-K
30 ns
25 ns
430 mil 28-pin SOP
MSM518221A-40GS-K
40 ns
30 ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn