Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI-3006KWD Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. SI-3006KWD
Description  1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3006KWD Datasheet(HTML) 5 Page - Allegro MicroSystems

  SI-3006KWD Datasheet HTML 1Page - Allegro MicroSystems SI-3006KWD Datasheet HTML 2Page - Allegro MicroSystems SI-3006KWD Datasheet HTML 3Page - Allegro MicroSystems SI-3006KWD Datasheet HTML 4Page - Allegro MicroSystems SI-3006KWD Datasheet HTML 5Page - Allegro MicroSystems SI-3006KWD Datasheet HTML 6Page - Allegro MicroSystems SI-3006KWD Datasheet HTML 7Page - Allegro MicroSystems SI-3006KWD Datasheet HTML 8Page - Allegro MicroSystems SI-3006KWD Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SI-3006KWD
1 A, Low-Dropout,
Dual Output,
1.8 V & 3.3 V Regulator
www.allegromicro.com
Linear
Regulators
5
TYPICAL CHARACTERISTICS (cont.)
(VI = 5.0 V, TA = 25°C)
Chan. 2 Low-Voltage Behavior
Chan. 2 Overcurrent Protection
Chan. 2 Line Regulation
Chan. 2 Load Regulation
ENABLE Control Voltage
Chan. 2 Transient Response
ENABLE Control Current
Thermal Protection


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn