Electronic Components Datasheet Search |
|
SC2128A-C80S Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock |
|
SC2128A-C80S Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock |
10 / 15 page Silan Semiconductors SC2128A HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD Rev: 1.0 2000.12.31 10 11. SLEEP WIND MODE In sleep wind mode, the wind speed steps down automatically one level every 30 minutes, until it reaches low wind level. If no off-timer is set, SC2128A keeps in low wind level. Otherwise, it restores off state when off-timer times out. To enter sleep wind mode, turn on the fan by SPEED key first. Adjust to desired LO, MI, ST wind speed. Press MODE key twice to bring SC2128A to LOW, MIDDLE or STRONG sleep wind mode as the LO, MI, ST wind speed set before entering sleep wind mode. Press MODE key in sleep wind mode forces SC2128A to leave sleep wind mode and enter rhythm sleep wind mode. LO MI ST t=0 t=0.5hr t=1.0hr timer timeout hours Middle sleep mode wind pattern LO MI ST t=0 t=0.5hr t=1.0hr timer timeout hours Strong sleep mode wind pattern LO MI ST t=0 t=0.5hr t=1.0hr timer timeout hours Low sleep mode wind pattern 12. RHYTHM SLEEP WIND MODE Pressing MODE key in sleep wind mode brings SC2128A into rhythm sleep wind. In rhythm sleep wind mode, SC2128A outputs LOW, MIDDLE or STRONG rhythm wind pattern and automatically steps down one level every 30 minutes until it reaches low rhythm wind level. If no off-timer is set, SC2128A keeps in low rhythm wind output. Otherwise it restores off state when the off-timer times out. t=0 t=0.5hr t=1.0hr timer timeout hours Middle rhythm sleep mode wind pattern Strong rhythm wind t=0 t=0.5hr t=1.0hr timer timeout hours Strong rhythm sleep mode wind pattern t=0 t=0.5hr t=1.0hr timer timeout hours Low rhythm sleep mode wind pattern Middle rhythm wind Low rhythm wind Strong rhythm wind Middle rhythm wind Low rhythm wind Strong rhythm wind Middle rhythm wind Low rhythm wind 13. MEMORY MODE SC2128A features on-chip operation memory, in which operation state may be stored. OFF/MEMS key also functions as a special MEMS(memory start) key. If this key is pressed when SC2128A is in off state, SC2128A is activated into the operation mode stored in the operation memory. After power on, the operation memory is initialized as follows: middle speed, ordinary wind, none off-timer setting, SO1 and SO2 swing head outputs both off, LIT output off. Operation memory memorizes the following: (1) SPEED low, middle or strong, (2) MODE ordinary, rhythm, sleep or rhythm sleep. (3) OFF-TIMER: off-timer setting, (4) SWING HEAD SO1 and SO2 output state, (5) LIGHT LIT output status. If the fan is turned on by SPEED key, subsequent adjustments to the fan operation either from pannel key or from remote control handset do not affect the operation memory. If, however, the fan is turned on by MEMS, the subsequent adjustments to speed, mode, off-timer, SO1, SO2 and LIT output will update the operation memory to |
Similar Part No. - SC2128A-C80S |
|
Similar Description - SC2128A-C80S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |