Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44605 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC44605
Description  High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC44605 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC44605 Datasheet HTML 6Page - ON Semiconductor MC44605 Datasheet HTML 7Page - ON Semiconductor MC44605 Datasheet HTML 8Page - ON Semiconductor MC44605 Datasheet HTML 9Page - ON Semiconductor MC44605 Datasheet HTML 10Page - ON Semiconductor MC44605 Datasheet HTML 11Page - ON Semiconductor MC44605 Datasheet HTML 12Page - ON Semiconductor MC44605 Datasheet HTML 13Page - ON Semiconductor MC44605 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC44605
http://onsemi.com
10
is 9.4 V (maximum value of Vdisable 1) and so the minimum
hysteresis is 4.2 V. [(Vstup–th)min = 13.6 V].
The large hysteresis and the low start–up current of the
MC44605 make it ideally suited for off–line converter
applications where efficient bootstrap start–up techniques
are required.
Soft–Start Control Section
The Vcs value is clamped down to the pin 11 voltage.
So, if a capacitor is connected to this pin, its voltage
increases slowly at the start–up (the capacitor is charged by
an internal current source 0.4 Iref). So, Vcs is limited during
the start–up and then a soft–start is performed.
This pin can be used to inhibit the circuit by applying a
voltage that is lower than VSSinhi (refer to page 4).
Particularly, the MC44605 can be shutdown by connecting
the soft–start pin to ground.
As soon as Vdis1 is detected (that is Vcc lower than
Vdisable1), a signal UVLO1 is generated until the Vcc falls
down to Vdis2 (refer to the undervoltage lockout section §).
During the delay between the disable1 and the disable2,
using a transistor controlled by UVLO1, the pin 11 voltage
is made equal to zero in order to make the soft–start
arrangement ready to work for the next re–start.
Figure 4. Soft–Start
MC44605
Vref
UVLO1
Soft
Start
Capacitor
Vcs
0.4 Iref
VSSlnhi
Output
Inhibition
Pin 11
2.4 V
DZ
Oscillator Section (Figures 5 & 5b)
The
oscillator
and
synchronization
behavior
is
represented in Figure 5b.
The MC44605 oscillator achieves four functions:
— it fixes the free mode frequency
— it takes into account the synchronization signal
— it does not allow a new power switch conduction if the
flyback is not in a dead–time state when the circuit
works in demagnetization mode (pin 8 connected)
— it builds the Sf pulse required by the MPL block
During the operating mode, the oscillator sawtooth can
vary between a valley value (1.6 V typically) and a peak one
(3.6 V typically) and presents three distinct phases:
— the CT charge
— the CT discharge
— the phase during which the oscillator voltage is
maintained equal to its valley value. This happens at
the end of a discharge cycle when the synchronization
or demagnetization condition does not allow a new CT
charge phase. During this sequence, IREGUL
compensates the charge current Icharge.
The oscillator has two working modes:
— a free one when there is no synchronization
— a synchronized one.
In the free working, the oscillator grows up from its valley
value to its peak one for the charge phase and when once the
peak value is reached, a discharge sequence makes the CT
voltage decrease down to its valley value. When the
decrease phase is finished, a new charge cycle occurs if the
demagnetization condition is achieved (VDT high).
Otherwise there is a REGUL phase until VDT gets high.
In the synchronized mode, the charge cycle is only
allowed when the synchronization signal gets high while a
dead time has been detected (VDT high). This charge phase
is stopped when the synchronization signal has got low and
when the oscillator voltage is higher than Vint, the
intermediary voltage level used to generate the calibrated
pulse Sf by comparing the CT voltage to this threshold. So,
when these two conditions are performed, a discharge
sequence is set until the oscillator voltage is equal to its
valley value. Then, the CT voltage is maintained constant
thanks to the “REGUL” arrangement until the next
synchronization pulse.
In both cases, during the charge phase, a signal VS is
generated. When Sf becomes high. VS gets high and remains
in this state until the PWN latch is set of Sf is low. Then, VS
keeps low until the next Sf high level. This oscillator
behavior is obtained using the process described in
Figure 5b.


Similar Part No. - MC44605

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44605 ONSEMI-MC44605 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
MC44605P ONSEMI-MC44605P Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
MC44605PG ONSEMI-MC44605PG Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
More results

Similar Description - MC44605

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
MC44604 ONSEMI-MC44604 Datasheet
341Kb / 24P
   High Safety Pulsed Mode Stanby GreenLine PWM Controller
April, 2000 ??Rev. 2
MC44604 ONSEMI-MC44604_05 Datasheet
189Kb / 22P
   High Safety Pulsed Mode Standby GreenLine TM PWM Controller
October, 2005 ??Rev. 5
MC44603A ONSEMI-MC44603A Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603 ONSEMI-MC44603 Datasheet
451Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
logo
Diodes Incorporated
AP3304 DIODES-AP3304 Datasheet
684Kb / 12P
   MULTI-MODE PWM CONTROLLER
Rev. 4 - 2 October 2021
AP3118 DIODES-AP3118 Datasheet
1Mb / 17P
   HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
logo
Texas Instruments
UCC2810 TI-UCC2810 Datasheet
518Kb / 14P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
logo
List of Unclassifed Man...
OB2362 ETC-OB2362 Datasheet
677Kb / 10P
   Adaptive Multi-Mode PWM Controller
OB_DOC_DS_236200
logo
Texas Instruments
UCC1810 TI-UCC1810 Datasheet
469Kb / 8P
[Old version datasheet]   Dual Channel Synchronized Current Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com