Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44603DW Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC44603DW
Description  MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC44603DW Datasheet(HTML) 5 Page - ON Semiconductor

  MC44603DW Datasheet HTML 1Page - ON Semiconductor MC44603DW Datasheet HTML 2Page - ON Semiconductor MC44603DW Datasheet HTML 3Page - ON Semiconductor MC44603DW Datasheet HTML 4Page - ON Semiconductor MC44603DW Datasheet HTML 5Page - ON Semiconductor MC44603DW Datasheet HTML 6Page - ON Semiconductor MC44603DW Datasheet HTML 7Page - ON Semiconductor MC44603DW Datasheet HTML 8Page - ON Semiconductor MC44603DW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MC44603
5
MOTOROLA ANALOG IC DEVICE DATA
Representative Block Diagram
This device contains 243 active transistors.
S
RF Stby
Rref
RF Stby
Vref
15 16
Reference
Block
Vref
Iref
+
VCC
VCC
1
14.5 V/7.5 V
Vaux
18.0 V
To Power
Transforme
VC
2
Output
3
Gnd
4
OVP
6
Current
Sense Input
7
VCC
Vref
VOVP
Out
2.0
µs
Delay
Vref
5.0
µs
Delay
+
2.5 V
ROVP
11.6 k
2.0 k
VCC
+
9.0 V
SS/Dmax/VM
2.4 V
RSS
CSS
11
1.0 V
Demag
Detect
8
Sync
Input
9
Vref
+
+
+
65 mV
3.7 V
1.0 V
0.4 Iref
CT
10
RPwr Stby
12
Feed–
back
14
Compen–
sation
13
Foldback
Input
5
1.6 V
3.6 V
+
CT
0.7 V
VDemag Out
Synchro
VOSC prot
0.4 Iref
Vref Vref
Vref
Vref
Vref
0.4 Iref
0.6 Iref
0.8 Iref
0.25
IF Stby
0.2 Iref
IDischarge
IDischarge/2
Current Mirror X2
0.4 Iref
Vref
2R
VCC
1.0 mA
Error Amplifier
R
Q
S
R
Q
S
R
Q
S
R
Q
= Sink only
= Positive True Logic
+
2.5 V
Thermal
Shutdown
IF Stby
UVLO2
VOSC
+
1.6 V
UVLO1
5.0 mA
Negative
Active
Clamp


Similar Part No. - MC44603DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44603A ONSEMI-MC44603A Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603A ONSEMI-MC44603A Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
MC44603ADW ONSEMI-MC44603ADW Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603ADW ONSEMI-MC44603ADW Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
MC44603ADWG ONSEMI-MC44603ADWG Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
More results

Similar Description - MC44603DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44603A ONSEMI-MC44603A Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603A ONSEMI-MC44603A_05 Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
MC44604 ONSEMI-MC44604 Datasheet
341Kb / 24P
   High Safety Pulsed Mode Stanby GreenLine PWM Controller
April, 2000 ??Rev. 2
MC44604 ONSEMI-MC44604_05 Datasheet
189Kb / 22P
   High Safety Pulsed Mode Standby GreenLine TM PWM Controller
October, 2005 ??Rev. 5
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Texas Instruments
UCC1884 TI-UCC1884 Datasheet
267Kb / 8P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com