Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QG8CPBE Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MC9S08QG8CPBE
Description  8-BIT HCS08 Central Processor Unit
Download  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QG8CPBE Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MC9S08QG8CPBE Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 88Page - Freescale Semiconductor, Inc MC9S08QG8CPBE Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 300 page
background image
MC9S08QG8 and MC9S08QG4 Data Sheet, Rev. 1.01
Freescale Semiconductor
85
Chapter 7
Central Processor Unit (S08CPUV2)
7.1
Introduction
This section provides summary information about the registers, addressing modes, and instruction set of
the CPU of the HCS08 Family. For a more detailed discussion, refer to the HCS08 Family Reference
Manual, volume 1, Freescale Semiconductor document order number HCS08RMV1/D.
The HCS08 CPU is fully source- and object-code-compatible with the M68HC08 CPU. Several
instructions and enhanced addressing modes were added to improve C compiler efficiency and to support
a new background debug system which replaces the monitor mode of earlier M68HC08 microcontrollers
(MCU).
7.1.1
Features
Features of the HCS08 CPU include:
Object code fully upward-compatible with M68HC05 and M68HC08 Families
All registers and memory are mapped to a single 64-Kbyte address space
16-bit stack pointer (any size stack anywhere in 64-Kbyte address space)
16-bit index register (H:X) with powerful indexed addressing modes
8-bit accumulator (A)
Many instructions treat X as a second general-purpose 8-bit register
Seven addressing modes:
— Inherent — Operands in internal registers
— Relative — 8-bit signed offset to branch destination
— Immediate — Operand in next object code byte(s)
— Direct — Operand in memory at 0x0000–0x00FF
— Extended — Operand anywhere in 64-Kbyte address space
— Indexed relative to H:X — Five submodes including auto increment
— Indexed relative to SP — Improves C efficiency dramatically
Memory-to-memory data move instructions with four address mode combinations
Overflow, half-carry, negative, zero, and carry condition codes support conditional branching on
the results of signed, unsigned, and binary-coded decimal (BCD) operations
Efficient bit manipulation instructions
Fast 8-bit by 8-bit multiply and 16-bit by 8-bit divide instructions
STOP and WAIT instructions to invoke low-power operating modes


Similar Part No. - MC9S08QG8CPBE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8CPBE FREESCALE-MC9S08QG8CPBE Datasheet
5Mb / 314P
   HCS08 Microcontrollers
More results

Similar Description - MC9S08QG8CPBE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
947Kb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8_09 Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QB8 FREESCALE-MC9S08QB8 Datasheet
1Mb / 36P
   8-Bit HCS08 Central Processor Unit
MC9S08SE8 FREESCALE-MC9S08SE8 Datasheet
2Mb / 38P
   8-Bit HCS08 Central Processor Unit
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com