Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL6119 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. EL6119
Description  Dual 4-Channel Laser Diode Driver Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6119 Datasheet(HTML) 1 Page - Intersil Corporation

  EL6119 Datasheet HTML 1Page - Intersil Corporation EL6119 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN7208
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL6119
Dual 4-Channel Laser Diode Driver +
Oscillator
The EL6119 is a dual four-channel
laser diode current amplifier that
provides controlled current to both a
CD and DVD laser diode. Channels 2, 3, and 4 should be
used as the write channels, with switching speeds of
approximately one nanosecond rise/fall time. All four
channels are summed together at the IOUT output, allowing
the user to create multilevel waveforms in order to optimize
laser diode performance. The level of the output current is
set by an analog voltage applied to an external resistor
which converts the voltage into a current at the IIN pin
(virtually ground). The current seen at this pin is then
amplified to become a current source at pin IOUT.
Output current pulses are enabled when an ‘L’ signal is
applied to the WEN pin. No output current flows when WEN
is ‘H’ and additional laser diode protection is provided since
the WEN input will float high when open. Complete IOUT
shutoff is also achieved by holding the ENABLE pin low,
which will override the WEN control pins.
Each laser driver has a separate ENABLE pin to allow total
shutdown of each laser driver when not in use.
An on-chip 500MHz oscillator is provided to allow output
current modulation when in read mode. The oscillator is
enabled when the OSCEN pin is held high. Complete control
of amplitude and frequency is set by two external resistors
connected to ground at pins RFREQ and RAMP (see graphs
in this data sheet for further explanation).
Features
• Leadless plastic package
• Voltage controlled output current source, requiring one
external set resistor per channel
• Rise time = 0.8ns
• Fall time = 0.8ns
• On chip oscillator with frequency and amplitude control by
use of external resistors to ground
• Oscillator to 500MHz
• Oscillator to 100mAPK/PK
• Single +5V supply (±10%)
• Disable feature for power-up protection and power savings
• CMOS control signals
Applications
• CD + DVD Combo applications
• Writable optical drives
• Laser diode current switching
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL
PKG. DWG. #
EL6119CL
32-Pin QFN
-
MDP0046
EL6119CL-T13
32-Pin QFN
13”
MDP0046
Data Sheet
June 15, 2004
Get FULL DATASHEET


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn