Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5462 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5462
Description  500MHz Low Power Current Feedback Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5462 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5462 Datasheet HTML 1Page - Intersil Corporation EL5462 Datasheet HTML 2Page - Intersil Corporation EL5462 Datasheet HTML 3Page - Intersil Corporation EL5462 Datasheet HTML 4Page - Intersil Corporation EL5462 Datasheet HTML 5Page - Intersil Corporation EL5462 Datasheet HTML 6Page - Intersil Corporation EL5462 Datasheet HTML 7Page - Intersil Corporation EL5462 Datasheet HTML 8Page - Intersil Corporation EL5462 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN7492.0
February 14, 2005
FIGURE 11. TURN OFF TIME
FIGURE 12. PSRR (VCC)
FIGURE 13. PSRR (VEE)
FIGURE 14. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 15. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
CH1=5V
CH2=200mV
M=100ns
CH1
CH2
100ns/DIV
0
10
100
10K
1M
100M
-20
-40
-60
-80
-100
FREQUENCY (Hz)
AV=+2
VCC=+5V
VEE=-5V
RL=150Ω
1K
100K
10M
0
10
100
10K
1M
100M
-20
-40
-60
-80
-100
FREQUENCY (Hz)
AV=+2
VCC=+5V
VEE=-5V
RL=150Ω
1K
100K
10M
AMBIENT TEMPERATURE (°C)
0
25
50
75 85 100
125
150
1.4
1
0.6
0.2
0
0.8
0.4
1.2 1.136W
θ
JA =
88
°C
/W
SO
14
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
AMBIENT TEMPERATURE (°C)
0
25
50
75 85 100
125
150
1
0.9
0.6
0.2
0
0.8
0.4
θ
JA =
12
0°C
/W
SO
14
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.5
0.1
0.7
0.3
833mW
EL5462


Similar Part No. - EL5462

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5462 INTERSIL-EL5462 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462IS RENESAS-EL5462IS Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5462IS-T13 INTERSIL-EL5462IS-T13 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462IS-T13 RENESAS-EL5462IS-T13 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
More results

Similar Description - EL5462

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5462IS-T7 INTERSIL-EL5462IS-T7 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Exar Corporation
CLC1006 EXAR-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
Cadeka Microcircuits LL...
CLC1006 CADEKA-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
Linear Technology
LT1217 LINER-LT1217_15 Datasheet
221Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com