Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS635LSE Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS635LSE
Description  Programmable Back Biased Hall-Effect Switch with TPOS Functionality
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS635LSE Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS635LSE Datasheet HTML 7Page - Allegro MicroSystems ATS635LSE Datasheet HTML 8Page - Allegro MicroSystems ATS635LSE Datasheet HTML 9Page - Allegro MicroSystems ATS635LSE Datasheet HTML 10Page - Allegro MicroSystems ATS635LSE Datasheet HTML 11Page - Allegro MicroSystems ATS635LSE Datasheet HTML 12Page - Allegro MicroSystems ATS635LSE Datasheet HTML 13Page - Allegro MicroSystems ATS635LSE Datasheet HTML 14Page - Allegro MicroSystems ATS635LSE Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ATS635LSE and ATS636LSE
PROGRAMMABLE TRUE POWER-ON HALL-EFFECT GEAR-TOOTH SWITCHES
Page 11 of 15
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2005 Allegro MicroSystems, Inc.
CHARACTERISTIC DATA
Data taken from 3 lots, 30 pieces/lot
Reference Target 8x
ICC ON
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
175
TEMPERATURE (°C)
4V
15V
24V
I CC OFF
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
175
TEMPERATURE (°C)
4V
15V
24V
VSAT
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
150
175
TEMPERATURE (°C)
20mA


Similar Part No. - ATS635LSE

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS632LSA ALLEGRO-ATS632LSA Datasheet
153Kb / 12P
   TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSA ALLEGRO-ATS632LSA Datasheet
118Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSA ALLEGRO-ATS632LSA Datasheet
75Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS632LSA ALLEGRO-ATS632LSA Datasheet
214Kb / 16P
   TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
More results

Similar Description - ATS635LSE

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS128 ALLEGRO-ATS128 Datasheet
539Kb / 25P
   Highly Programmable, Back-Biased, Hall-Effect Switch
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
   PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
A1128 ALLEGRO-A1128 Datasheet
963Kb / 20P
   Highly Programmable Hall-Effect Switch
A1162 ALLEGRO-A1162 Datasheet
656Kb / 23P
   Programmable Precision Hall-Effect Switch with Advanced Diagnostics
logo
Micronas
HAL1002 MICRONAS-HAL1002 Datasheet
400Kb / 29P
   Highly Precise Programmable Hall-Effect Switch
logo
Allegro MicroSystems
A1232 ALLEGRO-A1232 Datasheet
515Kb / 22P
   Ultra-Sensitive, Hall-Effect Speed and Direction Sensor with TPOS
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
logo
Micronas
HAL1000UT-A MICRONAS-HAL1000UT-A Datasheet
1Mb / 30P
   Programmable Hall Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com