Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5392A Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5392A
Description  Triple 600MHz Current Feedback Amplifier with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5392A Datasheet(HTML) 1 Page - Intersil Corporation

  EL5392A Datasheet HTML 1Page - Intersil Corporation EL5392A Datasheet HTML 2Page - Intersil Corporation EL5392A Datasheet HTML 3Page - Intersil Corporation EL5392A Datasheet HTML 4Page - Intersil Corporation EL5392A Datasheet HTML 5Page - Intersil Corporation EL5392A Datasheet HTML 6Page - Intersil Corporation EL5392A Datasheet HTML 7Page - Intersil Corporation EL5392A Datasheet HTML 8Page - Intersil Corporation EL5392A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7194
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL5392A
Triple 600MHz Current Feedback Amplifier
with Enable
The EL5392A is a triple current
feedback amplifier with a very high
bandwidth of 600MHz. This makes this
amplifier ideal for today’s high speed video and monitor
applications.
With a supply current of just 6mA per amplifier and the ability
to run from a single supply voltage from 5V to 10V, the
EL5392A is also ideal for hand held, portable or battery
powered equipment.
The EL5392A also incorporates an enable and disable
function to reduce the supply current to 100µA typical per
amplifier. Allowing the CE pin to float or applying a low logic
level will enable the amplifier.
For applications where board space is critical, the EL5392A
is offered in the 16-pin QSOP package, as well as an
industry-standard 16-pin SO (0.150"). The EL5392A
operates over the industrial temperature range of -40
°C to
+85
°C.
Pinout
EL5392
[16-PIN SO (0.150") & QSOP]
TOP VIEW
Features
• 600MHz -3dB bandwidth
• 6mA supply current (per amplifier)
• Single and dual supply operation, from 5V to 10V
• Fast enable/disable
• Available in 16-pin QSOP package
• Single (EL5192) and dual (EL5292) available
• High speed, 1GHz product available (EL5191)
• Low power, 4mA, 300MHz product available (EL5193,
EL5293, and EL5393)
Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
-
+
-
+
-
+
INA+
CEA
VS-
CEB
INB+
NC
CEC
INC+
INA-
OUTA
VS+
OUTB
INB-
NC
OUTC
INC-
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. NO.
EL5392ACS
16-Pin SO (0.150")
-
MDP0027
EL5392ACS-T7
16-Pin SO (0.150")
7”
MDP0027
EL5392ACS-T13
16-Pin SO (0.150")
13”
MDP0027
EL5392ACU
16-Pin QSOP
-
MDP0040
EL5392ACU-T13
16-Pin QSOP
13”
MDP0040
Data Sheet
January 22, 2004
NOT
REC
OMM
END
ED F
OR
NEW
DES
IGNS
SEE
EL5
364


Similar Part No. - EL5392A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5392A INTERSIL-EL5392A Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5392ACS INTERSIL-EL5392ACS Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5392ACS-T13 INTERSIL-EL5392ACS-T13 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5392ACS-T7 INTERSIL-EL5392ACS-T7 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5392ACU INTERSIL-EL5392ACU Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5392A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5292 RENESAS-EL5292 Datasheet
794Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
   Triple 600MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com