Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34268DT Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC34268DT
Description  SCSI-2 Active Terminator Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34268DT Datasheet(HTML) 4 Page - ON Semiconductor

  MC34268DT Datasheet HTML 1Page - ON Semiconductor MC34268DT Datasheet HTML 2Page - ON Semiconductor MC34268DT Datasheet HTML 3Page - ON Semiconductor MC34268DT Datasheet HTML 4Page - ON Semiconductor MC34268DT Datasheet HTML 5Page - ON Semiconductor MC34268DT Datasheet HTML 6Page - ON Semiconductor MC34268DT Datasheet HTML 7Page - ON Semiconductor MC34268DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC34268
http://onsemi.com
4
PACKAGE DIMENSIONS
SOP–8
D SUFFIX
CASE 751–06
ISSUE T
DPAK
DT SUFFIX
CASE 369A–13
ISSUE Z
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
–T– SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.250
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.033
0.040
0.84
1.01
F
0.037
0.047
0.94
1.19
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.175
0.215
4.45
5.46
S
0.020
0.050
0.51
1.27
U
0.020
–––
0.51
–––
V
0.030
0.050
0.77
1.27
Z
0.138
–––
3.51
–––
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
12
3
4


Similar Part No. - MC34268DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - MC34268DT

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
   SCSI active terminator IC
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
Calogic, LLC
CLM1117 CALOGIC-CLM1117 Datasheet
47Kb / 4P
   800mA Low Dropout Regulator SCSI-II Active Terminator
logo
Alpha Industries
AS1117 ALPHA-AS1117 Datasheet
76Kb / 11P
   800mA Low Dropout Regulator SCSI-II Active Terminator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com