Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33167 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33167
Description  POWER SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33167 Datasheet(HTML) 1 Page - ON Semiconductor

  MC33167 Datasheet HTML 1Page - ON Semiconductor MC33167 Datasheet HTML 2Page - ON Semiconductor MC33167 Datasheet HTML 3Page - ON Semiconductor MC33167 Datasheet HTML 4Page - ON Semiconductor MC33167 Datasheet HTML 5Page - ON Semiconductor MC33167 Datasheet HTML 6Page - ON Semiconductor MC33167 Datasheet HTML 7Page - ON Semiconductor MC33167 Datasheet HTML 8Page - ON Semiconductor MC33167 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MC34167
MC33167
Order this document by MC34167/D
SEMICONDUCTOR
TECHNICAL DATA
POWER SWITCHING
REGULATORS
T SUFFIX
PLASTIC PACKAGE
CASE 314D
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
Pin 1. Voltage Feedback Input
2. Switch Output
3. Ground
4. Input Voltage/VCC
5. Compensation/Standby
TH SUFFIX
PLASTIC PACKAGE
CASE 314A
TV SUFFIX
PLASTIC PACKAGE
CASE 314B
Heatsink surface (shown as terminal 6
in case outline drawing) is connected to Pin 3.
Heatsink surface connected to Pin 3.
D2T SUFFIX
PLASTIC PACKAGE
CASE 936A
(D2PAK)
5
1
5
1
5
1
5
1
MC34167D2T
MC34167T
MC34167TH
MC34167TV
TA = 0° to + 70°C
Surface Mount
Straight Lead
Horiz. Mount
Vertical Mount
MC33167D2T
MC33167T
MC33167TH
MC33167TV
TA = – 40° to +85°C
Surface Mount
Straight Lead
Horiz. Mount
Vertical Mount
1
MOTOROLA ANALOG IC DEVICE DATA
Power Switching Regulators
The MC34167, MC33167 series are high performance fixed frequency
power switching regulators that contain the primary functions required for
dc–to–dc converters. This series was specifically designed to be
incorporated in step–down and voltage–inverting configurations with a
minimum number of external components and can also be used cost
effectively in step–up applications.
These devices consist of an internal temperature compensated
reference, fixed frequency oscillator with on–chip timing components,
latching pulse width modulator for single pulse metering, high gain error
amplifier, and a high current output switch.
Protective features consist of cycle–by–cycle current limiting,
undervoltage lockout, and thermal shutdown. Also included is a low power
standby mode that reduces power supply current to 36
µA.
Output Switch Current in Excess of 5.0 A
Fixed Frequency Oscillator (72 kHz) with On–Chip Timing
Provides 5.05 V Output without External Resistor Divider
Precision 2% Reference
0% to 95% Output Duty Cycle
Cycle–by–Cycle Current Limiting
Undervoltage Lockout with Hysteresis
Internal Thermal Shutdown
Operation from 7.5 V to 40 V
Standby Mode Reduces Power Supply Current to 36 µA
Economical 5–Lead TO–220 Package with Two Optional Leadforms
Also Available in Surface Mount D2PAK Package
Simplified Block Diagram
(Step Down Application)
EA
VO
ILIMIT
Vin
4
2
S
Q
R
UVLO
3
5
L
5.05 V/5.0 A
Reference
Thermal
PWM
Oscillator
1
This device contains 143 active transistors.
© Motorola, Inc. 1996
Rev 3


Similar Part No. - MC33167

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33167 ONSEMI-MC33167 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
logo
ON Semiconductor
MC33167D2T ONSEMI-MC33167D2T Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167D2T ONSEMI-MC33167D2T Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167D2TG ONSEMI-MC33167D2TG Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
More results

Similar Description - MC33167

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166 Datasheet
403Kb / 20P
   POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
logo
Shindengen Electric Mfg...
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
   Power Switching Regulators
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
   Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
   Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
   Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
   Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
   Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com