Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL5285I Datasheet(PDF) 6 Page - Intersil Corporation

Part No. EL5285I
Description  Dual 4ns High-Speed Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5285I Datasheet(HTML) 6 Page - Intersil Corporation

  EL5285I Datasheet HTML 1Page - Intersil Corporation EL5285I Datasheet HTML 2Page - Intersil Corporation EL5285I Datasheet HTML 3Page - Intersil Corporation EL5285I Datasheet HTML 4Page - Intersil Corporation EL5285I Datasheet HTML 5Page - Intersil Corporation EL5285I Datasheet HTML 6Page - Intersil Corporation EL5285I Datasheet HTML 7Page - Intersil Corporation EL5285I Datasheet HTML 8Page - Intersil Corporation EL5285I Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Pin Descriptions
PIN NUMBER
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
1
VS+
Positive supply current
2
INA+
Positive input, channel A
Circuit 1
3
INA-
Negative input, channel A
(Reference Circuit 1)
4, 11
NC
Not connected
5
INB+
Negative input, channel B
(Reference Circuit 1)
6
INB-
Positive input, channel B
(Reference Circuit 1)
7
VS-
Negative supply voltage
8
GND
Ground
9
OUTB
Output, channel B
Circuit 2
10
LATCHB
Latch input, channel B
Circuit 3
12
LATCHA
Latch input, channel A
(Reference Circuit 3)
13
OUTA
Output, channel A
(Reference Circuit 2)
14
VSD
Digital supply voltage
IN+
IN-
VS+
VS-
VSD
VS+
VS-
OUT
VSD
VS+
VS-
LATCH
VSD
EL5285


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EL5185C4ns High-Speed Comparator 1 2 3 4 5 MoreElantec Semiconductor
EL5285CDual and Window 4ns High-Speed Comparators 1 2 3 4 5 MoreElantec Semiconductor
EL5281CDual 8ns High-Speed Comparator 1 2 3 4 5 MoreElantec Semiconductor
EL5287CDual and Window 4ns High-Speed Comparators 1 2 3 4 5 MoreElantec Semiconductor
LT17154ns 150MHz Dual Comparator with Independent Input/Output Supplies 1 2 3 4 5 MoreLinear Technology
EL5281Dual 8ns High-Speed Comparator 1 2 3 4 5 MoreIntersil Corporation
EL5287Window 4ns High-Speed Comparator 1 2 3 4 5 MoreIntersil Corporation
EL51854ns High-Speed Comparator 1 2 3 4 5 MoreIntersil Corporation
LM193Low power dual voltage comparator 1 2 3 4 5 MoreNXP Semiconductors
UTCLM393DUAL DIFFERENTIAL COMPARATOR 1 2 3 4 Unisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn