Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL5285I Datasheet(PDF) 3 Page - Intersil Corporation

Part No. EL5285I
Description  Dual 4ns High-Speed Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5285I Datasheet(HTML) 3 Page - Intersil Corporation

  EL5285I Datasheet HTML 1Page - Intersil Corporation EL5285I Datasheet HTML 2Page - Intersil Corporation EL5285I Datasheet HTML 3Page - Intersil Corporation EL5285I Datasheet HTML 4Page - Intersil Corporation EL5285I Datasheet HTML 5Page - Intersil Corporation EL5285I Datasheet HTML 6Page - Intersil Corporation EL5285I Datasheet HTML 7Page - Intersil Corporation EL5285I Datasheet HTML 8Page - Intersil Corporation EL5285I Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Typical Performance Curves
Offset Voltage vs Temperature
-50
-30
10
30
50
70
90
2.5
2
1
0.5
0
-0.5
Temperature (°C)
1.5
-10
Input Bias Current vs Temperature
-50
-30
30
50
90
9
8
4
3
2
1
Temperature (°C)
6
-10
10
70
7
5
Supply Current vs Supply Voltage
14
12
10
8
6
4
2
0
0123456
±VS (V)
IS+
IS-
VIN=-50mV
RL=2.3kΩ
Supply Current vs Temperature (per comparator)
14
12
10
8
6
4
2
0
-50
-30
10
30
50
70
90
Temperature (°C)
IS+
IS-
-10
Output Low Voltage vs Temperature
-50
-30
10
30
50
70
90
Temperature (°C)
-10
Output High Voltage vs Temperature
-50
-30
10
30
50
70
90
Temperature (°C)
-10
0.4
0.1
0.2
0.3
4.8
4.4
4.2
4
5
4.6
EL5285


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EL5185C4ns High-Speed Comparator 1 2 3 4 5 MoreElantec Semiconductor
EL5285CDual and Window 4ns High-Speed Comparators 1 2 3 4 5 MoreElantec Semiconductor
EL5281CDual 8ns High-Speed Comparator 1 2 3 4 5 MoreElantec Semiconductor
EL5287CDual and Window 4ns High-Speed Comparators 1 2 3 4 5 MoreElantec Semiconductor
LT17154ns 150MHz Dual Comparator with Independent Input/Output Supplies 1 2 3 4 5 MoreLinear Technology
EL5281Dual 8ns High-Speed Comparator 1 2 3 4 5 MoreIntersil Corporation
EL5287Window 4ns High-Speed Comparator 1 2 3 4 5 MoreIntersil Corporation
EL51854ns High-Speed Comparator 1 2 3 4 5 MoreIntersil Corporation
LM193Low power dual voltage comparator 1 2 3 4 5 MoreNXP Semiconductors
UTCLM393DUAL DIFFERENTIAL COMPARATOR 1 2 3 4 Unisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn