Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5281 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5281
Description  Dual 8ns High-Speed Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5281 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5281 Datasheet HTML 1Page - Intersil Corporation EL5281 Datasheet HTML 2Page - Intersil Corporation EL5281 Datasheet HTML 3Page - Intersil Corporation EL5281 Datasheet HTML 4Page - Intersil Corporation EL5281 Datasheet HTML 5Page - Intersil Corporation EL5281 Datasheet HTML 6Page - Intersil Corporation EL5281 Datasheet HTML 7Page - Intersil Corporation EL5281 Datasheet HTML 8Page - Intersil Corporation EL5281 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Typical Performance Curves (Continued)
010
24
6
Load Current (mA)
Output Low Voltage vs Load Current
0.31
0.15
0.27
8
0.23
0.19
VS=±5V
VSD=5V
VIN=-50mV
010
24
6
Load Current (mA)
8
Output High Voltage vs Load Current
4.75
4.3
4.7
4.65
4.6
4.55
4.5
4.45
4.4
4.35
VS=±5V
VSD=5V
VIN=50mV
Package Power Dissipation vs Ambient Temp.
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
0.9
0
0.6
0.3
0.2
0.1
0.8
0.4
0100
75
50
25
Ambient Temperature (°C)
125
2V
VIN=1VP-P
FIN=30MH
1V
20ns
VS=±5V
VSD=5V
Output with 30MHz Input
VIN=1VP-P
2V
2V
20ns
VIN=3VP-P
FIN=30MHz
VS=±5V
VSD=5V
Output with 30MHz Input
VIN=3VP-P
VO
VIN
VO
VIN
0.5
0.7
85
833mW
SO
14
12
0°C
/W
TA=-40°C
TA=85°C
TA=25°C
TA=-40°C
TA=85°C
TA=25°C
Digital Supply Current vs Input Switching
Frequency
30
0
25
15
10
5
20
045
35
25
15
5
Frequency (MHz)
50
40
30
20
10
VSD=5V
VSD=3V
VS=±5V
EL5281


Similar Part No. - EL5281

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5281C ELANTEC-EL5281C Datasheet
108Kb / 11P
   Dual 8ns High-Speed Comparator
EL5281CS ELANTEC-EL5281CS Datasheet
108Kb / 11P
   Dual 8ns High-Speed Comparator
EL5281CS-T13 ELANTEC-EL5281CS-T13 Datasheet
108Kb / 11P
   Dual 8ns High-Speed Comparator
EL5281CS-T7 ELANTEC-EL5281CS-T7 Datasheet
108Kb / 11P
   Dual 8ns High-Speed Comparator
More results

Similar Description - EL5281

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5281C ELANTEC-EL5281C Datasheet
108Kb / 11P
   Dual 8ns High-Speed Comparator
logo
Intersil Corporation
EL5181 INTERSIL-EL5181 Datasheet
106Kb / 9P
   8ns High-Speed Comparator
logo
Elantec Semiconductor
EL5181C ELANTEC-EL5181C Datasheet
106Kb / 11P
   8ns High-Speed Comparator
logo
Intersil Corporation
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
   Window 8ns High-Speed Comparator
logo
Elantec Semiconductor
EL5283C ELANTEC-EL5283C Datasheet
257Kb / 9P
   Dual and Window 8ns High-Speed Comparators
logo
Renesas Technology Corp
EL5481 RENESAS-EL5481 Datasheet
568Kb / 9P
   Quad 8ns High-Speed Comparators
June 14, 2001
logo
Elantec Semiconductor
EL5481C ELANTEC-EL5481C Datasheet
112Kb / 11P
   Quad 8ns High-Speed Comparators
logo
Texas Instruments
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com