Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33167TV Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC33167TV
Description  POWER SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33167TV Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC33167TV Datasheet HTML 7Page - ON Semiconductor MC33167TV Datasheet HTML 8Page - ON Semiconductor MC33167TV Datasheet HTML 9Page - ON Semiconductor MC33167TV Datasheet HTML 10Page - ON Semiconductor MC33167TV Datasheet HTML 11Page - ON Semiconductor MC33167TV Datasheet HTML 12Page - ON Semiconductor MC33167TV Datasheet HTML 13Page - ON Semiconductor MC33167TV Datasheet HTML 14Page - ON Semiconductor MC33167TV Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC34167 MC33167
11
MOTOROLA ANALOG IC DEVICE DATA
Figure 24. Triple Output Converter
4
2
1
5
3
+
VO1
5.0 V/3.0 A
EA
Reference
Thermal
Oscillator
S
R
Q
PWM
UVLO
ILIMIT
Vin
24 V
1000
+
6.8 k
68 k
0.1
1N5825
+
1000
1000
+
1000
+
MUR110
MUR110
VO3
–12 V/200 mA
VO2
12 V/250 mA
T1
+
+
Tests
Conditions
Results
Line Regulation
5.0 V
12 V
–12 V
Vin = 15 V to 30 V, IO1 = 3.0 A, IO2 = 250 mA, IO3 = 200 mA
3.0 mV =
± 0.029%
572 mV =
± 2.4%
711 mV =
± 2.9%
Load Regulation
5.0 V
12 V
–12 V
Vin = 24 V, IO1 = 30 mA to 3.0 A, IO2 = 250 mA, IO3 = 200 mA
Vin = 24 V, IO1 = 3.0 A, IO2 = 100 mA to 250 mA, IO3 = 200 mA
Vin = 24 V, IO1 = 3.0 A, IO2 = 250 mA, IO3 = 75 mA to 200 mA
1.0 mV =
± 0.009%
409 mV =
±1.5%
528 mV =
± 2.0%
Output Ripple
5.0 V
12 V
–12 V
Vin = 24 V, IO1 = 3.0 A, IO2 = 250 mA, IO3 = 200 mA
75 mVpp
20 mVpp
20 mVpp
Short Circuit Current
5.0 V
12 V
–12 V
Vin = 24 V, RL = 0.1 Ω
6.5 A
2.7 A
2.2 A
Efficiency
TOTAL
Vin = 24 V, IO1 = 3.0 A, IO2 = 250 mA, IO3 = 200 mA
84.2%
# TURNS(SEC) +
VO(SEC) ) VF(SEC)
VO(PRI))VF(PRI)
#TURNS(PRI)
Multiple auxiliary outputs can easily be derived by winding secondaries on the main output inductor to form a transformer. The secondaries must be connected so
that the energy is delivered to the auxiliary outputs when the Switch Output turns off. During the OFF time, the voltage across the primary winding is regulated by
the feedback loop, yielding a constant Volts/Turn ratio. The number of turns for any given secondary voltage can be calculated by the following equation:
T1 = Primary: Coilcraft M1496–A or General Magnetics Technology GMT–0223, 42 turns of #16 AWG on Magnetics Inc. 58350–A2 core.
T1 = Secondary: VO2 – 69 turns of #26 AWG
T1 = Secondary: VO3 – 104 turns of #28 AWG
Heatsink = AAVID Engineering Inc. 5903B, or 5930B.
Note that the 12 V winding is stacked on top of the 5.0 V output. This reduces the number of secondary turns and improves lead regulation. For best auxiliary
regulation, the auxiliary outputs should be less than 33% of the total output power.


Similar Part No. - MC33167TV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33167TV ONSEMI-MC33167TV Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167TV ONSEMI-MC33167TV Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167TVG ONSEMI-MC33167TVG Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167TVG ONSEMI-MC33167TVG Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
More results

Similar Description - MC33167TV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166 Datasheet
403Kb / 20P
   POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
logo
Shindengen Electric Mfg...
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
   Power Switching Regulators
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
   Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
   Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
   Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
   Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
   Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com