Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F162A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F162A
Description  Synchronous Presettable BCD Decade Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F162A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F162A Datasheet HTML 1Page - Fairchild Semiconductor 74F162A Datasheet HTML 2Page - Fairchild Semiconductor 74F162A Datasheet HTML 3Page - Fairchild Semiconductor 74F162A Datasheet HTML 4Page - Fairchild Semiconductor 74F162A Datasheet HTML 5Page - Fairchild Semiconductor 74F162A Datasheet HTML 6Page - Fairchild Semiconductor 74F162A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F162A count modulo-10 in the BCD (8421)
sequence. From state 9 (HLLH) they increment to state 0
(LLLL). The clock inputs of all flip-flops are driven in paral-
lel through a clock buffer. Thus all changes of the Q outputs
occur as a result of, and synchronous with, the LOW-to-
HIGH transition of the CP input signal. The circuits have
four fundamental modes of operation, in order of prece-
dence: synchronous reset, parallel load, count-up and hold.
Four control inputs— Synchronous Reset (SR), Parallel
Enable (PE), Count Enable Parallel (CEP) and Count
Enable Trickle (CET)—determine the mode of operation,
as shown in the Mode Select Table. A LOW signal on SR
overrides counting and parallel loading and allows all out-
puts to go LOW on the next rising edge of CP. A LOW sig-
nal on PE overrides counting and allows information on the
Parallel Data (Pn) inputs to be loaded into the flip-flops on
the next rising edge of CP. With PE and SR HIGH, CEP
and CET permit counting when both are HIGH. Conversely,
a LOW signal on either CEP or CET inhibits counting.
The F162A uses D-type edge-triggered flip-flops and
changing the SR, PE, CEP and CET inputs when the CP is
in either state does not cause errors, provided that the rec-
ommended setup and hold times, with respect to the rising
edge of CP, are observed.
The Terminal Count (TC) output is HIGH when CET is
HIGH and counter is in state 9. To implement synchronous
multistage counters, the TC outputs can be used with the
CEP and CET inputs in two different ways. Please refer to
the F568 datasheet. The TC output is subject to decoding
spikes due to internal race conditions and is therefore not
recommended for use as a clock or asynchronous reset for
flip-flops, counters or registers. In the F162A decade
counters, the TC output is fully decoded and can only be
HIGH in state 9. If a decade counter is preset to an illegal
state, or assumes an illegal state when power is applied, it
will return to the normal sequence within two counts, as
shown in the State Diagram.
Logic Equations:
Count Enable
= CEP × CET × PE
TC
= Q
0 × Q 1× Q 2 × Q3 × CET
Mode Select Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
State Diagram
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW Output IOH/IOL
CEP
Count Enable Parallel Input
1.0/1.0
20
µA/−0.6 mA
CET
Count Enable Trickle Input
1.0/2.0
20
µA/−1.2 mA
CP
Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
SR
Synchronous Reset Input (Active LOW)
1.0/2.0
20
µA/−1.2 mA
P0–P3
Parallel Data Inputs
1.0/1.0
20
µA/−0.6 mA
PE
Parallel Enable Input (Active LOW)
1.0/2.0
20
µA/−1.2 mA
Q0–Q3
Flip-Flop Outputs
50/33.3
−1 mA/20 mA
TC
Terminal Count Output
50/33.3
−1 mA/20 mA
SR
PE
CET CEP
Action on the Rising
Clock Edge (
)
L
X
X
X
Reset (Clear)
H
L
X
X
Load (Pn → Qn)
H
H
H
H
Count (Increment)
H
H
L
X
No Change (Hold)
H
H
X
L
No Change (Hold)


Similar Part No. - 74F162A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
74F162APC FAIRCHILD-74F162APC Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
74F162ASC FAIRCHILD-74F162ASC Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
More results

Similar Description - 74F162A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
74HC162 PHILIPS-74HC162 Datasheet
83Kb / 11P
   Presettable synchronous BCD decade counter; synchronous reset
December 1990
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
   Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74HC160 PHILIPS-74HC160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com