Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HPMD-7904 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. HPMD-7904
Description  FBAR Duplexer for US PCS Band
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HPMD-7904 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
0
-10
-20
-30
-40
-50
-60
-70
1.82
1.84
1.86
1.88
1.90
1.92
1.94
1.96
2.00
1.98
2.02
FREQUENCY (GHz)
Figure 1. Tx and Rx Port Insertion Loss (typical).
S31
S23
0
-1
-2
-3
-4
-5
1.82
1.84
1.86
1.88
1.90
1.92
1.94
1.96
2.00
1.98
2.02
FREQUENCY (GHz)
Figure 2. Insertion Loss Detail (typical).
S31
S23
0
-5
-10
-15
-20
1.82
1.84
1.86
1.88
1.90
1.92
1.94
1.96
2.00
1.98
2.02
FREQUENCY (GHz)
S11
S22
Figure 3. Tx and Rx Port Return Loss (typical).
0
-5
-10
-15
-20
1.82
1.84
1.86
1.88
1.90
1.92
1.94
1.96
2.00
1.98
2.02
FREQUENCY (GHz)
S33
Figure 4. Ant Port Return Loss (typical).
freq (1.850 GHz to 1.910 GHz)
Figure 5. S11, Tx Port Impedance (typical).
The plots below provide typical
performance obtained from
samples of the HPMD-7904
duplexer.
In order to obtain the best
performance from the
HPMD-7904 duplexer, refer to
Design Note D007, which is
available from your Agilent
Technologies technical support
or sales departments.
freq (1.930 GHz to 1.990 GHz)
Figure 6. S22, Rx Port Impedance (typical).


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HPMD-7905FBAR Duplexer for US PCS Band 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ACMD-7401Miniature PCS Band Duplexer 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ACPF-7002High Rejection Tx Filter for US PCS Band 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
NWR190CDMA RX BAW-filter for PCS Band 1 2 3 4 5 MoreInfineon Technologies AG
NWT190CDMA TX Full Band BAW-filter for US PCS 1 2 3 4 5 MoreInfineon Technologies AG
UPC2775GRFREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER 1 2 3 4 5 MoreNEC
CXG1068NSP4T Antenna Switch for GSM Dual band 1 2 3 4 5 MoreSony Corporation
HSC277Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch 1 2 3 4 5 MoreHitachi Semiconductor
MHL18336PCS BAND RF LINEAR LDMOS AMPLIFIER 1 2 Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn