Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HPMD-7904 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. HPMD-7904
Description  FBAR Duplexer for US PCS Band
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HPMD-7904 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
A: freq (1.850 GHz to 1.910 GHz)
B: freq (1.930 GHz to 1.990 GHz)
Figure 7. S33, Ant Port Impedance.
A
B
-20
-30
-40
-50
-60
-70
-80
1.82
1.84
1.86
1.88
1.90
1.92
1.94
1.96
2.00
1.98
2.02
FREQUENCY (GHz)
Figure 8. S21, Isolation (typical).
S21
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
FREQUENCY (GHz)
Figure 9. Wideband Insertion Loss (typical).
S31
S23
-10
-15
-20
-25
-30
-35
-40
-45
-50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
FREQUENCY (GHz)
Figure 10. Wideband Isolation (typical).
S21


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HPMD-7905FBAR Duplexer for US PCS Band 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ACMD-7401Miniature PCS Band Duplexer 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ACPF-7002High Rejection Tx Filter for US PCS Band 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
NWR190CDMA RX BAW-filter for PCS Band 1 2 3 4 5 MoreInfineon Technologies AG
NWT190CDMA TX Full Band BAW-filter for US PCS 1 2 3 4 5 MoreInfineon Technologies AG
UPC2775GRFREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER 1 2 3 4 5 MoreNEC
CXG1068NSP4T Antenna Switch for GSM Dual band 1 2 3 4 5 MoreSony Corporation
HSC277Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch 1 2 3 4 5 MoreHitachi Semiconductor
MHL18336PCS BAND RF LINEAR LDMOS AMPLIFIER 1 2 Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn