Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34261 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC34261
Description  POWER FACTOR CONTROLLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34261 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC34261 Datasheet HTML 4Page - Motorola, Inc MC34261 Datasheet HTML 5Page - Motorola, Inc MC34261 Datasheet HTML 6Page - Motorola, Inc MC34261 Datasheet HTML 7Page - Motorola, Inc MC34261 Datasheet HTML 8Page - Motorola, Inc MC34261 Datasheet HTML 9Page - Motorola, Inc MC34261 Datasheet HTML 10Page - Motorola, Inc MC34261 Datasheet HTML 11Page - Motorola, Inc MC34261 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC34261 MC33261
10
MOTOROLA ANALOG IC DEVICE DATA
Figure 17. Power Factor Test Set–Up
0.005
1.0
0.005
HARM
FREQ
11
LO
0.1
O
I
T
0 to 270 Vac
Output Power Factor
Controller Circuit
Earth
Line
Neutral
115 Vac
Input
RFI Filter
Autoformer
2X Step–Up
Isolation
Transformer
LO
HI
HI
V
A
Ainst
Acf
Vcf
Arms
Vrms
PF
VA
W
13
9
7
5
3
2
1
0
Voltech
AC POWER ANALYZER
PM 1000
An RFI filter is required for best performance when connecting the preconverter directly to the AC line. Commercially available two stage filters
such as the Delta Electronics 03DPCG5 work excellent. The simple single stage test filter shown above can easily be constructed with a common
mode transformer. Transformer (T) is a Coilcraft CMT3–28–2 with 28 mH minimum inductance and a 2.0 A maximum current rating.
+
0.5 mA
2
1
Figure 18. Soft–Start Circuit
+
tSoft–Start ≈ 9000C in µF
1.0M
To VCC
C
To VO
Startup overshoot can be eliminated with the
addition of a Soft–Start circuit.
Figure 19. Error Amp Compensation
2
C1
Error Amp
+
10
µA
R1
1
6
R2


Similar Part No. - MC34261

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34261D ONSEMI-MC34261D Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34261P ONSEMI-MC34261P Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
More results

Similar Description - MC34261

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com