Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCN5800A Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # UCN5800A
Description  BiMOS II Latched Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UCN5800A Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button UCN5800A Datasheet HTML 4Page - Allegro MicroSystems UCN5800A Datasheet HTML 5Page - Allegro MicroSystems UCN5800A Datasheet HTML 6Page - Allegro MicroSystems UCN5800A Datasheet HTML 7Page - Allegro MicroSystems UCN5800A Datasheet HTML 8Page - Allegro MicroSystems UCN5800A Datasheet HTML 9Page - Allegro MicroSystems UCN5800A Datasheet HTML 10Page - Allegro MicroSystems UCN5800A Datasheet HTML 11Page - Allegro MicroSystems UCN5800A Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
5800 AND 5801
BiMOS II
LATCHED DRIVERS
NOTES: 1.
Exact body and lead configuration at vendor’s option within limits shown.
2.
Lead spacing tolerance is non-cumulative.
0
° TO 8°
0.3444
0.3367
0.2440
0.2284
0.050
0.016
Dwg. MA-007-14 in
0.050
BSC
0.0098
0.0075
1
23
0.1574
0.1497
0.020
0.013
0.0688
0.0532
0.0040 MIN.
14
8
8.75
8.55
6.20
5.80
1.27
0.40
0
° TO 8°
Dwg. MA-007-14A mm
1.27
BSC
0.25
0.19
1
2
3
4.00
3.80
0.51
0.33
1.75
1.35
0.10 MIN.
14
8
UCN5800L
Dimensions in Inches
(for reference only)
Dimensions in Millimeters
(controlling dimensions)


Similar Part No. - UCN5800A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UCN5800A ALLEGRO-UCN5800A Datasheet
117Kb / 12P
   BiMOS II LATCHED DRIVERS
More results

Similar Description - UCN5800A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5800 ALLEGRO-5800 Datasheet
117Kb / 12P
   BiMOS II LATCHED DRIVERS
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
   BiMOS II 8-BIT LATCHED SOURCE DRIVERS
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
   BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com