Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

A3132 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part No. A3132
Description  ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

A3132 Datasheet(HTML) 3 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3132 AND 3133
BIPOLAR
HALL-EFFECT SWITCHES
www.allegromicro.com
TYPICAL CHARACTERISTICS
12
16
20
SUPPLY VOLTAGE IN VOLTS
4.0
Dwg. GH-021
24
8.0
RELEASE POINT
I
= 20 mA
OUT
40
20
0
-20
-40
OPERATE POINT
28
T
= 25
°C
A
0
25
50
75
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-022
125
-25
I
= 20 mA
V
= 12 V
CC
OUT
40
20
0
-20
-40
RELEASE POINT
OPERATE POINT
0
25
50
75
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-023
125
-25
V
= 12 V
CC
B
≤ B
RP
6.0
5.0
4.0
3.0
B
≥ B
OP
0
25
50
75
100
200
100
AMBIENT TEMPERATURE IN
°°°°C
175
150
125
-50
Dwg. GH-024
125
-25
I
= 20 mA
OUT
Powering up in the absence of a magnetic field (less than
BOP and higher than BRP) will allow an indeterminate output
state. The correct state is warranted after the first excursion
beyond BOP or BRP.
Bipolar switches may switch on removal of field but
require field reversal for reliable operation over temperature
range; latches will not switch on removal of magnetic field.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn