Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3423 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC3423
Description  OVERVOLTAGE SENSING CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3423 Datasheet(HTML) 4 Page - ON Semiconductor

  MC3423 Datasheet HTML 1Page - ON Semiconductor MC3423 Datasheet HTML 2Page - ON Semiconductor MC3423 Datasheet HTML 3Page - ON Semiconductor MC3423 Datasheet HTML 4Page - ON Semiconductor MC3423 Datasheet HTML 5Page - ON Semiconductor MC3423 Datasheet HTML 6Page - ON Semiconductor MC3423 Datasheet HTML 7Page - ON Semiconductor MC3423 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC3423
4
MOTOROLA ANALOG IC DEVICE DATA
APPLICATION INFORMATION
Basic Circuit Configuration
The basic circuit configuration of the MC3423 OVP is
shown in Figure 3 for supply voltages from 4.5 V to 36 V, and
in Figure 4 for trip voltages above 36 V. The threshold or trip
voltage at which the MC3423 will trigger and supply gate
drive to the crowbar SCR, Q1, is determined by the selection
of R1 and R2.
Their values can be determined by the
equation given in Figures 3 and 4, or by the graph shown in
Figure 8. The minimum value of the gate current limiting
resistor, RG, is given in Figure 9. Using this value of RG, the
SCR, Q1, will receive the greatest gate current possible
without damaging the MC3423. If lower output currents are
required, RG can be increased in value. The switch, S1,
shown in Figure 3 may be used to reset the crowbar.
Otherwise, the power supply, across which the SCR is
connected, must be shut down to reset the crowbar. If a non
current–limited supply is used, a fuse or circuit breaker, F1,
should be used to protect the SCR and/or the load.
The circuit configurations shown in Figures 3 and 4 will
have a typical propogation delay of 1.0
µs. If faster operation
is desired, Pin 3 may be connected to Pin 2 with Pin 4 left
floating. This will result in decreasing the propogation delay to
approximately 0.5
µs at the expense of a slightly increased
TC for the trip voltage value.
Configuration for Programmable Minimum Duration
of Overvoltage Condition Before Tripping
In many instances, the MC3423 OVP will be used in a
noise environment.
To prevent false tripping of the OVP
circuit by noise which would not normally harm the load,
MC3423 has a programmable delay feature. To implement
this feature, the circuit configuration of Figure 5 is used. In
this configuration, a capacitor is connected from Pin 3 to VEE.
The value of this capacitor determines the minimum duration
of the overvoltage condition which is necessary to trip the
OVP. The value of C can be found from Figure 10. The circuit
operates in the following manner: When VCC rises above the
trip point set by R1 and R2, an internal current source (Pin 4)
begins charging the capacitor, C, connected to Pin 3. If the
overvoltage condition disappears before this occurs, the
capacitor is discharged at a rate
≅ 10 times faster than the
charging rate, resetting the timing feature until the next
overvoltage condition occurs.
Occasionally, it is desired that immediate crowbarring of
the supply occur when a high overvoltage condition occurs,
while retaining the false tripping immunity of Figure 5. In this
case, the circuit of Figure 6 can be used. The circuit will
operate as previously described for small overvoltages, but
will immediately trip if the power supply voltage exceeds
VZ1 + 1.4 V.
Power
Supply
R1
R2
MC3423
RG
(+ Sense
Lead)
(– Sense Lead)
+
1k
Z1
7
3
4
5
2
1
3
C
Figure 6. Configuration for Programmable
Duration of Overvoltage Condition Before
Trip/With Immediate Trip at
High Overvoltages
Additional Features
1. Activation Indication Output
An additional output for use as an indicator of OVP
activation is provided by the MC3423. This output is an
open collector transistor which saturates when the OVP is
activated. In addition, it can be used to clock an edge
triggered flip–flop whose output inhibits or shuts down the
power supply when the OVP trips. This reduces or
eliminates
the
heatsinking
requirements
for
the
crowbar SCR.
2. Remote Activation Input
Another feature of the MC3423 is its remote activation
input, Pin 5. If the voltage on this CMOS/TTL compatible
input is held below 0.8 V, the MC3423 operates normally.
However, if it is raised to a voltage above 2.0 V, the OVP
output is activated independent of whether or not an
overvoltage condition is present. It should be noted that Pin
5 has an internal pull–up current source. This feature can
be used to accomplish an orderly and sequenced
shutdown of system power supplies during a system fault
condition. In addition, the activation indication output of one
MC3423 can be used to activate another MC3423 if a single
transistor inverter is used to interface the former’s indication
output to the latter’s remote activation input, as shown in
Figure 7. In this circuit, the indication output (Pin 6) of the
MC3423 on power supply 1 is used to activate the MC3423
associated with power supply 2. Q1 is any small PNP with
adequate voltage rating.


Similar Part No. - MC3423

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3423 MOTOROLA-MC3423 Datasheet
423Kb / 6P
   OVERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC3423 ONSEMI-MC3423 Datasheet
86Kb / 10P
   Overvoltage Crowbar Sensing Circuit
March, 2005 ??Rev. 5
MC3423 ONSEMI-MC3423 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Motorola, Inc
MC3423D MOTOROLA-MC3423D Datasheet
423Kb / 6P
   OVERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC3423D ONSEMI-MC3423D Datasheet
86Kb / 10P
   Overvoltage Crowbar Sensing Circuit
March, 2005 ??Rev. 5
More results

Similar Description - MC3423

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3523 MOTOROLA-MC3523 Datasheet
423Kb / 6P
   OVERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC3423 ONSEMI-MC3423_05 Datasheet
86Kb / 10P
   Overvoltage Crowbar Sensing Circuit
March, 2005 ??Rev. 5
logo
NEC
UPC3423 NEC-UPC3423 Datasheet
666Kb / 6P
   OVERVOLTAGE CROWBAR SENSING CIRCUIT
logo
Motorola, Inc
MC34062 MOTOROLA-MC34062 Datasheet
829Kb / 11P
   PIN-PROGRAMMABLE OVERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com