Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2823A Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ULN2823A
Description  High Voltage High Current Darlington Arrays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ULN2823A Datasheet(HTML) 4 Page - Allegro MicroSystems

  ULN2823A Datasheet HTML 1Page - Allegro MicroSystems ULN2823A Datasheet HTML 2Page - Allegro MicroSystems ULN2823A Datasheet HTML 3Page - Allegro MicroSystems ULN2823A Datasheet HTML 4Page - Allegro MicroSystems ULN2823A Datasheet HTML 5Page - Allegro MicroSystems ULN2823A Datasheet HTML 6Page - Allegro MicroSystems ULN2823A Datasheet HTML 7Page - Allegro MicroSystems ULN2823A Datasheet HTML 8Page - Allegro MicroSystems ULN2823A Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2803 THRU 2824
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAYS
www.allegromicro.com
3
Test
Applicable
Limits
Characteristic
Symbol
Fig.
Devices
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
1A
All
VCE = 50 V, TA = 25°C—
< 1
50
µA
VCE = 50 V, TA = 70°C
< 1
100
µA
1B
ULx2804x
VCE = 50 V, TA = 70°C, VIN = 1.0 V
< 5
500
µA
Collector-Emitter
VCE(SAT)
2
All
IC = 100 mA, IB = 250 µA
0.9
1.1
V
Saturation Voltage
lC = 200 mA, IB = 350 µA
1.1
1.3
V
IC = 350 mA, IB = 500 µA
1.3
1.6
V
Input Current
IIN(ON)
3
ULx2803x
VIN = 3.85 V
0.93
1.35
mA
ULx2804x
VIN = 5.0 V
0.35
0.5
mA
VIN = 12 V
1.0
1.45
mA
IIN(OFF)
4
All
lC = 500 µA, TA = 70°C50
65
µA
Input Voltage
VIN(ON)
5
ULx2803x
VCE = 2.0 V, lC = 200 mA
2.4
V
VCE = 2.0 V, IC = 250 mA
2.7
V
VCE = 2.0 V, lC = 300 mA
3.0
V
ULx2804x
VCE = 2.0 V, lC = 125 mA
5.0
V
VCE = 2.0 V, lC = 200 mA
6.0
V
VCE = 2.0 V, IC = 275 mA
7.0
V
VCE = 2.0 V, lC = 350 mA
8.0
V
Input Capacitance
CIN
All
15
25
pF
Turn-On DelaytPLH
8
All
0.5 EIN to 0.5 EOUT
0.25
1.0
µs
Turn-Off DelaytPHL
8
All
0.5 EIN to 0.5 EOUT
0.25
1.0
µs
Clamp Diode
IR
6
All
VR = 50 V, TA = 25°C—
50
µA
Leakage Current
VR = 50 V, TA = 70°C
100
µA
Clamp Diode
VF
7
All
IF = 350 mA
1.7
2.0
V
Forward Voltage
Complete part number includes prefix to operating temperature range: ULN = -20
°C to +85°C, ULQ = -40°C to +85°C
and a suffix to identify package style: A = DIP, LW = SOIC.
Types ULx2803A, ULx2803LW, ULx2804A, and ULx2804LW
ELECTRICAL CHARACTERISTICS at +25
°C (unless otherwise noted).
The ULx2804 is discontinued.
Shown for reference only.


Similar Part No. - ULN2823A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ULN2823A ALLEGRO-ULN2823A Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
ULN2823A ALLEGRO-ULN2823A Datasheet
281Kb / 10P
   High Voltage High Current Darlington Arrays
October 31, 2005
More results

Similar Description - ULN2823A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
UNL2803 ETC2-UNL2803 Datasheet
219Kb / 5P
   High-Voltage, High-Current Darlington Arrays
logo
Allegro MicroSystems
A2001 ALLEGRO-A2001 Datasheet
316Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
logo
Leshan Radio Company
LR2003A LRC-LR2003A Datasheet
289Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
   High-Voltage, High - Current Darlington Arrays
logo
Allegro MicroSystems
2803 ALLEGRO-2803 Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
ULN-7000A ETC2-ULN-7000A Datasheet
684Kb / 32P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Leshan Radio Company
LR2002A LRC-LR2002A Datasheet
280Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com