Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1204LLHLT-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1204LLHLT-T
Description  Continuous-Time Bipolar Switch Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1204LLHLT-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1204LLHLT-T Datasheet HTML 1Page - Allegro MicroSystems A1204LLHLT-T Datasheet HTML 2Page - Allegro MicroSystems A1204LLHLT-T Datasheet HTML 3Page - Allegro MicroSystems A1204LLHLT-T Datasheet HTML 4Page - Allegro MicroSystems A1204LLHLT-T Datasheet HTML 5Page - Allegro MicroSystems A1204LLHLT-T Datasheet HTML 6Page - Allegro MicroSystems A1204LLHLT-T Datasheet HTML 7Page - Allegro MicroSystems A1204LLHLT-T Datasheet HTML 8Page - Allegro MicroSystems A1204LLHLT-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
A1201, A1202, A1203, and A1204
A1201-DS, Rev. 2
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
1
3
2
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ..........................................30 V
Reverse-Supply Voltage, VRCC ........................–30 V
Output Off Voltage, VOUT..................................30 V
Reverse-Output Voltage, VROUT .....................–0.5 V
Output Current, IOUTSINK............................... 25 mA
Magnetic Flux Density, B .........................Unlimited
Operating Temperature
Ambient, TA, Range E..................–40ºC to 85ºC
Ambient, TA, Range L................–40ºC to 150ºC
Maximum Junction, TJ(max)........................165ºC
Storage Temperature, TS ..................–65ºC to 170ºC
Continuous-time operation
– Fast power-on time
– Low noise
Stable operation over full operating temperature range
Reverse battery protection
Solid-state reliability
Factory-programmed at end-of-line for optimum performance
Robust EMC performance
High ESD rating
Regulator stability without a bypass capacitor
The Allegro® A1201, A1202, A1203 and A1204 Hall-effect bipolar switches are
next-generation replacements and extension of the popular Allegro A3134, A3133,
and A3132 bipolar switch product line. Overall, the A120x family, produced with
BiCMOS technology, consists of continuous-time devices that feature fast power-
on time and low-noise operation. Device programming is performed after packag-
ing, to ensure increased switchpoint accuracy by eliminating offsets that can be
induced by package stress. Unique Hall element geometries and low-offset ampli-
fiers help to minimize noise and to reduce the residual offset voltage normally
caused by device overmolding, temperature excursions, and thermal stress.
The A120x Hall-effect bipolar switches include the following on a single silicon
chip: voltage regulator, Hall-voltage generator, small-signal amplifier, Schmitt
trigger, and NMOS output transistor. The integrated voltage regulator permits
operation from 3.8 to 24 V. The extensive on-board protection circuitry makes
possible a ±30 V absolute maximum voltage rating for superior protection in auto-
motive and motor commutation applications, without adding external components.
All devices in the family are identical, except for magnetic switchpoints.
The small geometries of the BiCMOS process allow these devices to be pro-
vided in ultrasmall packages. The package styles available provide magnetically
optimized solutions for most applications. Package LH is a SOT23W, a miniature
low-profile surface-mount package, while package UA is a three-lead ultramini
SIP for through-hole mounting. Each package is lead (Pb) free, with 100% matte
tin plated leadframes.
Continuous-Time Bipolar Switch Family
Features and Benefits
Package UA, 3-pin SIP
Package LH, 3-pin Surface Mount
1
2
3
1
2
3
3
1 2


Similar Part No. - A1204LLHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1204 ALLEGRO-A1204 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
logo
MicroPower Direct, LLC
A1204RU MPD-A1204RU Datasheet
239Kb / 2P
   A1200RU SERIES
More results

Similar Description - A1204LLHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com