Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A2803 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part No. A2803
Description  High Voltage High Current Darlington Arrays
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2803 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A2803 Datasheet HTML 2Page - Allegro MicroSystems A2803 Datasheet HTML 3Page - Allegro MicroSystems A2803 Datasheet HTML 4Page - Allegro MicroSystems A2803 Datasheet HTML 5Page - Allegro MicroSystems A2803 Datasheet HTML 6Page - Allegro MicroSystems A2803 Datasheet HTML 7Page - Allegro MicroSystems A2803 Datasheet HTML 8Page - Allegro MicroSystems A2803 Datasheet HTML 9Page - Allegro MicroSystems A2803 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2803 THRU 2824
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAYS
www.allegromicro.com
5
TEST FIGURES
Dwg. No. A-9732A
Dwg. No. A-9733A
Dwg. No. A-9734A
FIGURE 6
FIGURE 7
FIGURE 8
Dwg. No. A-9735A
Dwg. No. A-9736A
V
in
ULx28x3x
3.5 V
ULx28x4x
12 V
FIGURE 1A
FIGURE 1B
FIGURE 2
FIGURE 3
FIGURE 4
FIGURE 5
Dwg. No. A-9731A
Dwg. No. A-9730A
Dwg. No. A-9729A
OPEN
OPEN
VCE
ICEX
µA
VIN
OPEN
VCE
ICEX
µA
IB
OPEN
hFE =
VCE
V
IC
IB
IC
VIN
OPEN
mA
OPEN
IIN
OPEN
VCE
IC
µA
IIN
µA
V
OPEN
VCE
V
VIN
IC
OPEN
VR
IR
µA
IF
OPEN
VF
V
PULSE
GENERATOR
PRR = 10 kHz
DC = 50 %
INPUT
93
100
50 pF
30
OUT
+50 V
Dwg. EP-072


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn