Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34181 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC34181
Description  Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC34181 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC34181,2,4 MC33181,2,4
5
MOTOROLA ANALOG IC DEVICE DATA
VEE
VCC
VCC = +15 V
VEE = –15 V
TA = +25°C
Figure 3. Input Bias Current
versus Temperature
Figure 4. Input Bias Current versus
Input Common Mode Voltage
Figure 5. Output Voltage Swing
versus Supply Voltage
Figure 6. Output Saturation Voltage
versus Load Current
Figure 7. Output Saturation Voltage versus
Load Resistance to Ground
Figure 8. Output Saturation Voltage versus
Load Resistance to VCC
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
VCC = +15 V
VEE = –15 V
VCM = 0 V
VICR, INPUT COMMON MODE VOLTAGE (V)
–10
–5.0
0
5.0
10
VCC = +15 V
VEE = –15 V
TA = 25°C
VCC, |VEE|, SUPPLY VOLTAGE (V)
0
2.0
4.0
6.0
8.0
10
12
14
16
RL Connected to Ground
TA = 25°C
RL = 10 k
IL, LOAD CURRENT (mA)
Sink
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
VCC = +15 V
VEE = –15 V
TA = +25°C
Source
RL, LOAD RESISTANCE TO GROUND (Ω)
1.0 k
10 k
100 k
1.0 M
VEE
VCC
VCC = +15 V
VEE = –15 V
TA = +25°C
RL, LOAD RESISTANCE (Ω)
1.0 k
10 k
100 k
1.0 M
VCC
VEE
1000
100
10
1.0
0.1
0.01
0.001
20
15
10
5
0
40
30
20
10
0
0
–1.0
–2.0
–3.0
+3.0
+2.0
+1.0
0
0
–1.0
–2.0
–3.0
3.0
2.0
1.0
0
0
–1.0
–2.0
–3.0
3.0
2.0
1.0
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn