Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34181 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC34181
Description  Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC34181 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC34181,2,4 MC33181,2,4
4
MOTOROLA ANALOG IC DEVICE DATA
AC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Slew Rate (Vin = –10 V to +10 V, RL = 10 kΩ, CL = 100 pF)
AV = +1.0
AV = –1.0
SR
7.0
10
10
V/
µs
Settling Time (AV = –1.0, RL = 10 kΩ, VO = 0 V to +10 V Step)
To Within 0.10%
To Within 0.01%
ts
1.1
1.5
µs
Gain Bandwidth Product (f = 100 kHz)
GBW
3.0
4.0
MHz
Power Bandwidth (AV = +1.0, RL = 10 kΩ, VO = 20 Vpp, THD = 5.0%)
BWp
120
kHz
Phase Margin (–10 V < VO < +10 V)
RL = 10 kΩ
RL = 10 kΩ, CL = 100 pF
fm
67
34
Degrees
Gain Margin (–10 V < VO < +10 V)
RL = 10 kΩ
RL = 10 kΩ, CL = 100 pF
Am
6.7
3.4
dB
Equivalent Input Noise Voltage
RS = 100 Ω, f = 1.0 kHz
en
38
nV/ Hz
Equivalent Input Noise Current
f = 1.0 kHz
in
0.01
pA/ Hz
Differential Input Capacitance
Ci
3.0
pF
Differential Input Resistance
Ri
1012
W
Total Harmonic Distortion
AV = 10, RL = 10 kΩ, 2.0 Vpp < VO < 20 Vpp, f = 1.0 kHz
THD
0.04
%
Channel Separation (RL = 10 kΩ, –10 V < VO < +10 V, 0 Hz < f < 10 kHz)
120
dB
Open Loop Output Impedance
(f = 1.0 MHz)
|Zo|
200
8/14 Pin
Plastic
SO–8
SO–14
Figure 1. Maximum Power Dissipation versus
Temperature for Package Variations
Figure 2. Input Common Mode Voltage Range
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
–55 –40 –20
0
20
40
60
80
100
120 140 160
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
VCC = +3.0 V to +15 V
VEE = –3.0 V to –15 V
∆VIO = 5.0 mV
VCC (VCM to VCC)
VEE
2400
2000
1600
1200
800
400
0
0
–1.0
–2.0
3.0
2.0
1.0
0
TSSOP–14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn