Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34181 Datasheet(PDF) 9 Page - ON Semiconductor

Part No. MC34181
Description  Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC34181 Datasheet(HTML) 9 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC34181,2,4 MC33181,2,4
9
MOTOROLA ANALOG IC DEVICE DATA
Figure 27. Channel Separation versus Frequency
Figure 28. Transient Response
Figure 29. Small Signal Transient Reponse
f, FREQUENCY (Hz)
10 k
100 k
1.0 M
10 M
VCC = +15 V
VEE = –15 V
TA = +25°C
t, TIME (2.0
µs/DIV)
t, TIME (0.5
µs/DIV)
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
AV = +1.0
TA = 25°C
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
AV = +1.0
TA = 25°C
140
120
100
80
60
40
20
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn