Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34181 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC34181
Description  Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34181 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC34181 Datasheet HTML 2Page - ON Semiconductor MC34181 Datasheet HTML 3Page - ON Semiconductor MC34181 Datasheet HTML 4Page - ON Semiconductor MC34181 Datasheet HTML 5Page - ON Semiconductor MC34181 Datasheet HTML 6Page - ON Semiconductor MC34181 Datasheet HTML 7Page - ON Semiconductor MC34181 Datasheet HTML 8Page - ON Semiconductor MC34181 Datasheet HTML 9Page - ON Semiconductor MC34181 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC34181,2,4 MC33181,2,4
6
MOTOROLA ANALOG IC DEVICE DATA
100
10
1.0
AV = 1000
VCC = +15 V
VEE = –15 V
VO = 2.0 Vpp
RL = 10 kΩ
TA = 25°C
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
THD = 1.0%
TA = 25°C
100
10
AV = 1000
1.0
VCC = +15 V
VEE = –15 V
VCM = 0 V
VO = 0 V
∆IO = 10 µA
TA = 25°C
Figure 9. Output Short Circuit Current
versus Temperature
Figure 10. Output Impedance versus Frequency
Figure 11. Output Voltage Swing
versus Frequency
Figure 12. Output Distortion versus
Frequency
Figure 13. Open Loop Voltage Gain
versus Temperature
Figure 14. Open Loop Voltage Gain and
Phase versus Frequency
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
Sink
Source
VCC = +15 V
VEE = –15 V
RL ≤ 0.1 Ω
VID = 1.0 V
f, FREQUENCY (Hz)
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
1.0 k
10 k
109 k
1.0 M
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
f, FREQUENCY (Hz)
1.0
10
100 1.0 k
10 k
1.0 M
10 M
100 M
100 k
Phase
Gain
30
20
10
0
300
200
100
0
30
24
18
12
6
0
1.0
0.8
0.6
0.4
0.2
0
70
60
50
40
30
20
100
80
60
40
20
0
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
f
≤ 10 Hz
TA = 25°C
VCC = +15 V
VEE = –15 V
VO = 0 V
RL = 10 kΩ
TA = 25°C
0
45
90
135
180


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn