Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1211 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A1211
Description  Continuous-Time Latch Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1211 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A1211 Datasheet HTML 3Page - Allegro MicroSystems A1211 Datasheet HTML 4Page - Allegro MicroSystems A1211 Datasheet HTML 5Page - Allegro MicroSystems A1211 Datasheet HTML 6Page - Allegro MicroSystems A1211 Datasheet HTML 7Page - Allegro MicroSystems A1211 Datasheet HTML 8Page - Allegro MicroSystems A1211 Datasheet HTML 9Page - Allegro MicroSystems A1211 Datasheet HTML 10Page - Allegro MicroSystems A1211 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
A1210-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Continuous-Time Latch Family
A1210, A1211, A1212, A1213, and A1214
VCC (V)
24
3.8
TA (°C)
VCC (V)
24
3.8
VCC (V)
24
3.8
(A1211)
Operate Point versus Ambient Temperature
(A1211)
TA (°C)
Release Point versus Ambient Temperature
(A1211)
TA (°C)
Hysteresis versus Ambient Temperature
TA (°C)
VCC (V)
24
3.8
TA (°C)
VCC (V)
24
3.8
VCC (V)
24
3.8
(A1212)
Operate Point versus Ambient Temperature
(A1212)
TA (°C)
Release Point versus Ambient Temperature
(A1212)
TA (°C)
Hysteresis versus Ambient Temperature
TA (°C)
–50
0
50
100
150
–50
0
50
100
150
–50
0
50
100
150
15
40
65
90
140
115
165
-180
-130
-155
-105
-55
-80
-30
80
100
120
140
160
180
200
220
240
–50
0
50
100
150
–50
0
50
100
150
–50
0
50
100
150
-50
0
-25
75
25
50
125
150
100
175
-150
-125
-100
-50
-75
-175
100
150
200
250
300
350


Similar Part No. - A1211

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
A1211 MACOM-A1211 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
A1211 MA-COM-A1211 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Allegro MicroSystems
A1211 ALLEGRO-A1211 Datasheet
292Kb / 14P
   Continuous-Time Latch Family
logo
M/A-COM Technology Solu...
A1211-SMA1211 MA-COM-A1211-SMA1211 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

Similar Description - A1211

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com