Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP134A11A1SR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XP134A11A1SR
Description  P-Channel Power MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP134A11A1SR Datasheet(HTML) 4 Page - Torex Semiconductor

  XP134A11A1SR Datasheet HTML 1Page - Torex Semiconductor XP134A11A1SR Datasheet HTML 2Page - Torex Semiconductor XP134A11A1SR Datasheet HTML 3Page - Torex Semiconductor XP134A11A1SR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
XP134A11A1SR
Power MOS FET
432
u
10
100
1000
10000
-30
-25
-20
-15
-10
-5
0
Coss
Ciss
Crss
10
100
1000
-10
-8
-6
-4
-2
0
tr
td(on)
td(off)
tf
■ Electrical Characteristics
Drain / Source Voltage:Vds (V)
Drain Current:Id (A)
Switching Time Vs. Drain Current
Vgs=-5V, Vdd≒-10V, PW=10μs, duty≦1%, Ta=25℃
Vgs=0V, f=1MHz, Ta=25℃
Drain / Source Voltage Vs. Capacitance
-10
-8
-6
-4
-2
0
0
5
10
15
20
25
-16
-12
-8
-4
0
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
Vgs=0V, 4.5V
-4.5V
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
Standardized Transition Thermal Resistance Vs. Pulse Width
Rth (ch-a) = 62.5 ℃/W ( Implemented on a glass epoxy PCB )
Pulse Width:PW ( sec )
Single Pulse
Gate Charge:Qg ( nc )
Source / Drain Voltage:Vsd (V)
Ta=25℃, Pulse Test
Gate / Source Voltage Vs. Gate Charge
Reverse Drain Current Vs. Source / Drain Voltage
Vds=-10V, Id=-4A, Ta=25℃


Similar Part No. - XP134A11A1SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP134A11A1SR TOREX-XP134A11A1SR Datasheet
434Kb / 5P
   Power MOSFET
XP134A11A1SR TOREX-XP134A11A1SR_1 Datasheet
434Kb / 5P
   Power MOSFET
More results

Similar Description - XP134A11A1SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP132A0265SR TOREX-XP132A0265SR Datasheet
187Kb / 4P
   P-Channel Power MOS FET
XP134A02A1SR TOREX-XP134A02A1SR Datasheet
154Kb / 4P
   P-Channel Power MOS FET
XP132A0340SR TOREX-XP132A0340SR Datasheet
177Kb / 4P
   P-Channel Power MOS FET
XP134A1275SR TOREX-XP134A1275SR Datasheet
156Kb / 4P
   P-Channel Power MOS FET
XP132A01A0SR TOREX-XP132A01A0SR Datasheet
164Kb / 4P
   P-Channel Power MOS FET
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PDG RENESAS-NP100P04PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com