Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCJ10FI-V Datasheet(PDF) 3 Page - Neutrik AG

Part No. NCJ10FI-V
Description  3 pole XLR female receptacle with 1/4" switching stereo jack and switching ground contact, vertical PCB mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NCJ10FI-V Datasheet(HTML) 3 Page - Neutrik AG

  NCJ10FI-V Datasheet HTML 1Page - Neutrik AG NCJ10FI-V Datasheet HTML 2Page - Neutrik AG NCJ10FI-V Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Environmental
Temperature range
-30 °C to +80 °C
NCJ10FI-V
3
/3


Similar Part No. - NCJ10FI-V

ManufacturerPart No.DatasheetDescription
Neutrik AG
Neutrik AG
NCJ10FI-V-0 NEUTRIK-NCJ10FI-V-0 Datasheet
126Kb / 3P
   3 pole XLR female receptacle with 1/4" switching stereo jack and switching ground contact, vertical PCB mount, retention spring
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz