Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC-144A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC-144A
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SC-144A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC-144A Datasheet HTML 1Page - List of Unclassifed Manufacturers SC-144A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
SC-A1440 Series
Continued
LVCMOS
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
80.0MHz
-----
180.0MHz
Duty Cycle
-----
@ V
DD/2
45/55%
-----
55/45%
Logic 0
V
OL
@ 600µA
-----
0.1V
0.2V
Logic 1
V
OH
@ 600µA
V
DD-0.2V
V
DD-0.1V
-----
Rise & Fall Time
tr,tf
10-90%V
O
-----
1.0 ns
2.0 ns
Jitter, RMS(2)
-----
Overtone
-----
-----
3 psec
T
pz
-----
-----
-----
-----
100 ns
Enable Voltage
-----
-----
2.0V
-----
-----
Disable Voltage
-----
-----
-----
-----
0.8V
Frequency Stability (1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage (3)
V
DD
-----
3.00V
3.3V
3.60V
Supply Current
I
DD
No Load
0.0 mA
40 mA
60 mA
Output current
I
O
Low level Output Current 0.0 mA
-----
±25.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
216 mW
Lead temperature
T
L
Soldering, 10 sec.
-----
-----
300°C
Load
-----
-----
-----
-----
15pf
Start-up Time
t
s
-----
-----
-----
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Soldering Condition
300°C for 10 seconds
Hermetic Seal
Leak rate less than 1 x 10-8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization.
3) Internal high frequency power source decoupling.
Test Load:
Rev. K
CRYSTAL CLOCK OSCILLATORS
SC - A144X - FREQ
Package Code
Tolerance/Performance
SC 4 pad 5x7mm SMD
0 ±100ppm 0-70°C
1 ±50ppm 0-70°C
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
5V
C ±100ppm -40 to +85°C
Creating a Part Number
Data Sheet 0007A


Similar Part No. - SC-144A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-14-12J KEMET-SC-14-12J Datasheet
1Mb / 20P
   Common Mode SC Coils, SC-J Series, Terminal Base Type
SC-14-15JH KEMET-SC-14-15JH Datasheet
129Kb / 1P
   KEMET, SC-JH, AC Line Filters, Common Mode, 1500 uH
logo
List of Unclassifed Man...
SC-1420 ETC1-SC-1420 Datasheet
276Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-1420-FREQ ETC1-SC-1420-FREQ Datasheet
41Kb / 2P
   Crystal Clock Oscillators
logo
Nel Frequency Controls,...
SC-1420 NEL-SC-1420_10 Datasheet
101Kb / 2P
   quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals for bus connected systems
More results

Similar Description - SC-144A

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com