Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PK130F40 Datasheet(PDF) 1 Page - SanRex Corporation

Part # PK130F40
Description  THYRISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PK130F40 Datasheet(HTML) 1 Page - SanRex Corporation

  PK130F40 Datasheet HTML 1Page - SanRex Corporation PK130F40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
PK(PD,PE,KK)130F
THYRISTOR MODULE
UL:E76102
(M)
92
12
18
M8×14
♯110TAB
(2.8.0.5T)
80±0.3
2
26
26
7
4-φ6(M5)
R8.0
Unit
A
Symbol
Item
Conditions
Ratings
130
Unit
IT(AV)
*Average On-State Current
IT(RMS)
*R.M.S. On-State Current
Single phase, half wave, 180
°conduction, Tc:90℃
Single phase, half wave, 180
°conduction, Tc:90℃
ITSM
*Surge On-State Current
I2t
*I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage (Forward)
1
2cycle, 50Hz/60Hz, peak Value, non-repetitive
Value for one cycle of surge current
A
205
A
4000/4400
A
8
×104
10
A2S
W
3
VRGM
Peak Gate Voltage (Reverse)
di
/dt
Critical Rate of Rise of On-State Current
IG
=100mA,Tj=25℃,VD12VDRM,dIG/dt=0.1A/μs
VISO
*Isolation Breakdown Voltage (R.M.S.)
Tj
*Operating Junction Temperature
Tstg
*Storage Temperature
Mounting
Torque
Mass
Mounting
(M5)
Terminal
(M8)
A.C.1minute
Recommended 1.5-2.5
(15-25)
Recommended 8.8-10
(90-105)
3
W
A
10
V
5
V
200
A/
μs
2500
V
−40 to +125
−40 to +125
2.7
(28)
11
(115)
510
N
・m
(㎏f・B)
g
Symbol
Item
Conditions
Ratings
50
Unit
IDRM
Repetitive Peak Off-State Current, max.
IRRM
*Repetitive Peak Reverse Current, max.
at VDRM, single phase, half wave, Tj
=125℃
at VDRM, single phase, half wave, Tj
=125℃
VTM
*Peak On-State Voltage, max.
IGT
/VGT
Gate Trigger Current/Voltage, max.
VGD
Non-Trigger Gate, Voltage. min.
tgt
Turn On Time, max.
dv
/dt
Critical Rate of Rise of Off-State Voltage, min.
IH
Holding Current, typ.
On-State Current 400A, Tj
=25℃ Inst. measurement
Tj
=25℃,IT=1A,VD=6V
mA
50
mA
1.40
V
100/3
Tj
=125℃,VD12VDRM
IT
=130A,IG=100mA,Tj=25℃,VD12VDRM,dIG/dt=0.1A/μs
0.25
mA/V
V
10
Tj
=125℃, VD23VDRM, Exponential wave.
Tj
=25℃
IL
Lutching Current, typ.
Rth
(j-c)*Thermal Impedance, max.
Tj
=25℃
Junction to case
500
μs
V/
μs
50
mA
100
mA
0.2
℃/W
■Electrical Characteristics
■Maximum Ratings
Symbol
Item
PK130F40
PD130F40
PE130F40
KK130F40
PK130F80
PD130F80
PE130F80
KK130F80
Ratings
PK130F120
PD130F120
PE130F120
KK130F120
PK130F160
PD130F160
PE130F160
KK130F160
Unit
VRRM
*Repetitive Peak Reverse Voltage
400
800
1200
1600
V
480
960
1300
1700
V
400
800
1200
1600
V
VRSM
VDRM
*Non-Repetitive Peak Reverse Voltage
Repetitive Peak Off-State Voltage
*mark:Thyristor and Diode part. No mark:Thyristor part
Power Thyristor/Diode Module PK130F series are designed for various rectifier circuits
and power controls. For your circuit application. following internal connections and wide
voltage ratings up to 1,600V are available. Two elements in a package and electrically
isolated mounting base make your mechanical design easy.
IT(AV) 130A, IT(RMS) 205A, ITSM 4400A
di/dt 200 A/
μs
dv/dt 500V/
μs
(Applications)
Various rectifiers
AC/DC motor drives
Heater controls
Light dimmers
Static switches
K1
(A2)
(K2)
A1K2
G1
K2
G2
1
2
3
PK
K1
(A2)
(K2)
A1K2
K2
G2
1
2
3
PE
K1
(A2)
(K2)
A1K2
G1
K2
1
2
3
PD
K1
(A2)
(A1)
G1
K2
G2
1
2
1
KK


Similar Part No. - PK130F40

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PK130FG SANREX-PK130FG Datasheet
99Kb / 2P
   THYRISTOR MODULE
PK130FG120 SANREX-PK130FG120 Datasheet
99Kb / 2P
   THYRISTOR MODULE
logo
Inchange Semiconductor ...
PK130FG120 ISC-PK130FG120 Datasheet
229Kb / 2P
   THYRISTOR MODULE
logo
SanRex Corporation
PK130FG160 SANREX-PK130FG160 Datasheet
99Kb / 2P
   THYRISTOR MODULE
logo
Inchange Semiconductor ...
PK130FG160 ISC-PK130FG160 Datasheet
310Kb / 2P
   THYRISTOR MODULE
More results

Similar Description - PK130F40

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com