Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLRC63201T Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. CLRC63201T
Description  Standard multi-protocol reader solution
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC63201T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CLRC63201T Datasheet HTML 6Page - NXP Semiconductors CLRC63201T Datasheet HTML 7Page - NXP Semiconductors CLRC63201T Datasheet HTML 8Page - NXP Semiconductors CLRC63201T Datasheet HTML 9Page - NXP Semiconductors CLRC63201T Datasheet HTML 10Page - NXP Semiconductors CLRC63201T Datasheet HTML 11Page - NXP Semiconductors CLRC63201T Datasheet HTML 12Page - NXP Semiconductors CLRC63201T Datasheet HTML 13Page - NXP Semiconductors CLRC63201T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
CLRC632
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 27 February 2014
073937
10 of 127
NXP Semiconductors
CLRC632
Standard multi-protocol reader solution
Figure 6 shows the microprocessor connection to the CLRC632 using SPI.
Remark: The SPI implementation for CLRC632 conforms to the SPI standard and
ensures that the CLRC632 can only be addressed as a slave.
9.1.4.1
SPI read data
The structure shown in Table 7 must be used to read data using SPI. It is possible to read
up to n-data bytes. The first byte sent defines both, the mode and the address.
The address byte must meet the following criteria:
the Most Significant Bit (MSB) of the first byte sets the mode. To read data from the
CLRC632 the MSB is set to logic 1
bits [6:1] define the address
the Least Significant Bit (LSB) should be set to logic 0.
As shown in Table 8, all the bits of the last byte sent are set to logic 0.
Table 6.
SPI compatibility
CLRC632 pins
SPI pins
ALE
NSS
A2
SCK
A1
LOW
A0
MOSI
NRD
HIGH
NWR
HIGH
NCS
LOW
D7 to D1
do not connect
D0
MISO
Fig 6.
Connection to microprocessor: SPI
001aak610
LOW
NCS
D0
ALE
A2
SCK
A1
LOW
MOSI
NSS
A0
MISO
DEVICE
Table 7.
SPI read data
Pin
Byte 0
Byte 1
Byte 2
...
Byte n
Byte n + 1
MOSI
address 0
address 1 address 2 ...
address n
00
MISO
XX
data 0
data 1
...
data n
 1data n


Similar Part No. - CLRC63201T

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
CLRC63201T/0FE PHILIPS-CLRC63201T/0FE Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
More results

Similar Description - CLRC63201T

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
   Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
List of Unclassifed Manufacturers
List of Unclassifed Man...
TRH031M ETC1-TRH031M Datasheet
1Mb / 73P
   13.56MHz Multi-protocol RFID Reader chip, 3.3V operation voltage
NXP Semiconductors
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
   Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
Texas Instruments
Texas Instruments
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
RI-R6C-001A TI-RI-R6C-001A Datasheet
169Kb / 3P
[Old version datasheet]   HF Reader System Series 6000 S6700 Multi-Protocol Transceiver IC
NXP Semiconductors
NXP Semiconductors
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
PR533 NXP-PR533 Datasheet
615Kb / 36P
   USB NFC integrated reader solution
Rev. 3.6-27 October 2014
WJ Communication. Inc.
WJ Communication. Inc.
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
   Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com